Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLVD210 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVD210
Description  DIFFERENTIAL LVDS CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVD210 Datasheet HTML 1Page - STMicroelectronics STLVD210 Datasheet HTML 2Page - STMicroelectronics STLVD210 Datasheet HTML 3Page - STMicroelectronics STLVD210 Datasheet HTML 4Page - STMicroelectronics STLVD210 Datasheet HTML 5Page - STMicroelectronics STLVD210 Datasheet HTML 6Page - STMicroelectronics STLVD210 Datasheet HTML 7Page - STMicroelectronics STLVD210 Datasheet HTML 8Page - STMicroelectronics STLVD210 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STLVD210
5/9
LVDS TIMING CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise noted. Typical
values are at TA = 25°C) (Note 1)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
SPECIFICATION OF CONTROL REGISTER
The STLVD210 is provided with a 11 bit shift register with a Serial In and a Control Register. The purpose
is to enable or power of each output clock channel. The STLVD210 provides two working modality:
PROGRAMMED MODE (EN=1)
The shift register have a serial input to load the working configuration. Once the configuration is loaded
with 11-clock pulse, another clock pulse loads the configuration into the control register. The first bit on
the serial input line enables the outputs Qb4 and Qb4, the second bit enables the outputs Qb3 and Qb3
and so on. The last bit is the fewer significations. To restart the configuration of the shift register a reset
of the state machine must be done with a clock pulse on CK and the EN set to Low. The control register
can be configured on time after each reset.
STANDARD MODE (EN=0)
In Standard Mode the STLVD210 isn’t programmable, all the clock outputs are enabled.
TRUTH TABLE OF STATE MACHINE INPUTS
SERIAL INPUT SEQUENCE
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tTLH
Transition Time Low to High
RL = 100 Ω,CL = 5 pF
220
300
ps
tTHL
Transition Time High to Low
220
300
ps
tPHL, tPLH Propagation Delay to Output
2
2.5
ns
fMAX
Maximum Input Frequency
700
900
MHz
tSKEW
Bank Skew
50
ps
Part-to-Part Skew
100
Pulse Skew
60
EN
SI
CK
OUTPUT
L
X
X
All Outputs Enable
HL
First stage stores "L", other stages store the data of previous stage
HH
First stage stores "H", other stages store the data of previous stage
LX
Reset of the state machine, Shift register and Control Register
BIT#10
BIT#9
BIT#8
BIT#7
BIT#6
BIT#5
BIT#4
BIT#3
BIT#2
BIT#1
BIT#0
N.A.
Qa0
Qa1
Qa2
Qa3
Qa4
Qb0
Qb1
Qb2
Qb3
Qb4


Similar Part No. - STLVD210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
More results

Similar Description - STLVD210

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Crystek Corporation
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
   Differential LVDS Clock Oscillator
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
logo
National Semiconductor ...
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
   Automotive LVDS Differential Driver
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com