Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXU04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCXU04
Description  Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXU04 Datasheet(HTML) 4 Page - STMicroelectronics

  74LCXU04_06 Datasheet HTML 1Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 2Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 3Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 4Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 5Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 6Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 7Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 8Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin settings
74LCXU04
4/15
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top through view)
2.2
Pin description
2.3
Truth table
Table 1. Pin description
Pin N°
Symbol
Name and function
1,3,5,9,11,13
1A to 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
Table 2. Truth table
Inputs
Output
AY
LH
HL


Similar Part No. - 74LCXU04_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCXU04MTR STMICROELECTRONICS-74LCXU04MTR Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04TTR STMICROELECTRONICS-74LCXU04TTR Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LCXU04_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com