Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXH162244TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LCXH162244TTR
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH162244TTR Datasheet(HTML) 2 Page - STMicroelectronics

  74LCXH162244TTR Datasheet HTML 1Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 2Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 3Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 4Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 5Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 6Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 7Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 8Page - STMicroelectronics 74LCXH162244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LCXH162244
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 3, 5, 6
1Y1 to 1Y4 Data Outputs
8, 9, 11, 12
2Y1 to 2Y4 Data Outputs
13, 14, 16, 17
3Y1 to 3Y4 Data Outputs
19, 20, 22, 23
4Y1 to 4Y4 Data Outputs
24
4G
Output Enable Input
25
3G
Output Enable Input
30, 29, 27, 26
4A1 to 4A4 Data Outputs
36, 35, 33, 32
3A1 to 3A4 Data Outputs
41, 40, 38, 37
2A1 to 2A4 Data Outputs
47, 46, 44, 43
1A1 to 1A4 Data Outputs
48
2G
Output Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LLL
LH
H
HX
Z


Similar Part No. - 74LCXH162244TTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244 ONSEMI-74LCXH162244 Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEA FAIRCHILD-74LCXH162244MEA Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244MEA ONSEMI-74LCXH162244MEA Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEX FAIRCHILD-74LCXH162244MEX Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
More results

Similar Description - 74LCXH162244TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com