Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX16244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX16244
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16244 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX16244_07 Datasheet HTML 1Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 2Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 3Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 4Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 5Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 6Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 7Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 8Page - STMicroelectronics 74LCX16244_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2007
Rev 6
1/15
15
74LCX16244
Low voltage CMOS 16-bit bus buffer (3-state)
with 5V tolerant inputs and outputs
Features
5V tolerant inputs and outputs
High speed:
–tPD = 4.5ns (Max) at VCC = 3V
Power down protection on inputs and outputs
Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
PCI bus levels guaranteed at 24mA
Balanced propagation delays:
–tPLH ≅ tPHL
Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
Pin and function compatible with
74 series 16244
Latch-up performance exceeds
500mA (JESD 17)
ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX16244 is a low voltage CMOS 16 bit
bus buffer (non-inverted) fabricated with sub-
micron silicon gate and double-layer metal wiring
C2MOS technology. It is ideal for low power and
high speed 3.3V applications; it can be interfaced
to 5V signal environment for both inputs and
outputs.
Any nG output control governs four BUS
BUFFERS. Output Enable input (nG) tied together
gives full 16-bit operation.
When nG is LOW, the outputs are on. When nG is
HIGH, the output are in high impedance state.
This device is designed to be used with 3 state
memory address drivers, etc.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
TSSOP48
www.st.com
Order codes
Part number
Package
Packaging
74LCX16244TTR
TSSOP48
Tape and reel


Similar Part No. - 74LCX16244_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16244G FAIRCHILD-74LCX16244G Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX16244GX FAIRCHILD-74LCX16244GX Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX16244MEA FAIRCHILD-74LCX16244MEA Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX16244MEAX FAIRCHILD-74LCX16244MEAX Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX16244MTD FAIRCHILD-74LCX16244MTD Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX16244_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com