Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C1162048L-85T Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V62C1162048L-85T
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1162048L-85T Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V62C1162048L-85T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 9Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 10Page - Mosel Vitelic, Corp V62C1162048L-85T Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
V62C1162048L(L)
9
Notes (Write Cycle)
1.
L-version includes this feature.
2.
This Parameter is samples and not 100% tested.
3.
For test conditions, see AC Test Condition, Figure A.
4.
This parameter is tested with CL = 5pF as shown in Figure B. Transition is measured + 500mV from steady-state voltage.
5.
This parameter is guaranteed, but is not tested.
6.
WE is High for read cycle.
7.
CE and OE are LOW for read cycle.
8.
Address valid prior to or coincident with CE transition LOW.
9.
All read cycle timings are referenced from the last valid address to the first transtion address.
10. CE or WE must be HIGH during address transition.
11. All write cycle timings are referenced from the last valid address to the first transition address.
Data Retention Mode
V
DR > 1.0V
Vcc_typ
VIH
VIH
VDR
V
CC
CE
t
R
t
CDR
Vcc_typ
Data Retention Waveform (L Version Only) (TA = 0
0C to +700C / -400C to +850C)
Data Retention Characteristics (L Version Only)(1)
Parameter
Symbol
Test Condition
Min
Max
Unit
VCC for Data Retention
VDR
CE > VCC - 0.2V
1.0
-
V
Data Retention Current
ICCDR
-
1
µA
Chip Deselect to Data Retention Time
tCDR
VIN > VCC - 0.2V or
0
-
ns
Operation Recovery Time(2)
tR
VIN < 0.2V
tRC
-
ns
REV. 1.2 May 2001 V62C1162048L(L)


Similar Part No. - V62C1162048L-85T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-100T MOSEL-V62C1161024L-100T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-120T MOSEL-V62C1161024L-120T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-70T MOSEL-V62C1161024L-70T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-85T MOSEL-V62C1161024L-85T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C1162048L-85T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com