Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61FN1642MB Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC61FN1642MB
Description  Voltage Detectors, Delay Circuit Built-In
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN1642MB Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61FN1642MB Datasheet HTML 1Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 2Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 3Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 4Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 5Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 6Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 7Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 8Page - Torex Semiconductor XC61FN1642MB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
XC61F
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
Output Configuration
N
: N-ch open drain output
: e.g. 2.5V → ②2 , ③5
Detect Voltage
16 ~ 60
: e.g. 3.8V → ②3, ③8
1
: 50ms ~ 200ms
4
: 80ms ~ 400ms
Release Output Delay
5
: 1ms ~ 50ms
Detect Accuracy
2
: Within ± 2.0%
M
: SOT-23
P
: SOT-89
T
: TO-92 (Standard)
Package
L
: TO-92 (Custom pin configuration)
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
Device Orientation
B
: Bag (TO-92)
■PRODUCT CLASSIFICATION
●Ordering Information
XC61F ①②③④⑤⑥⑦
■BLOCK DIAGRAMS
(1) CMOS output
(2) N-channel open drain output


Similar Part No. - XC61FN1642MB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FN1642MB TOREX-XC61FN1642MB Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FN1642MB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com