Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J810 Datasheet(PDF) 2 Page - EPCOS

Part # J810
Description  CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

J810 Datasheet(HTML) 2 Page - EPCOS

  J810 Datasheet HTML 1Page - EPCOS J810 Datasheet HTML 2Page - EPCOS J810 Datasheet HTML 3Page - EPCOS J810 Datasheet HTML 4Page - EPCOS J810 Datasheet HTML 5Page - EPCOS J810 Datasheet HTML 6Page - EPCOS J810 Datasheet HTML 7Page - EPCOS J810 Datasheet HTML 8Page - EPCOS J810 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
March 10, 2008
B9102
859 / 1575.42 / 1810 / 1920 / 2140 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
Data Sheet
Application
s
Low loss LTCC Triplexer for mobile phones covering
Cellular, GPS and K-PCS/PCS band
s
Usable passbands 70 MHz (CELL), 2 MHz (GPS),
120 MHz (K-PCS), 140 MHz (PCS), 60 MHz
(WCDMA)
s
Very low insertion attenuation in CELL, GPS and
PCS/K-PCS/WCDMA band
s
Very low amplitude ripple in all bands
s
Integrated low loss GPS filter with single ended out-
put 50
s
No switches and control lines required
s
Shunt inductor from ANT pin to ground used for
ESD protection and matching
Features
s
Package size 2.5 x 2.0 x 1.2 mm3
s
Package code DCT6C
s
RoHS compatible
s
Approximate weight 0.021 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
top view
6
4
bottom view
side view
1
3
5
2
2.5
0.1
0.5
Pin configuration
s
1
GPS Output
s
3
ANT Input
s
4
CELL Output
s
6
PCS/K-PCS/WCDMA Output
s
2,5
Ground


Similar Part No. - J810

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
J8177A-C ATGBICS-J8177A-C Datasheet
185Kb / 7P
   J8177A HPE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
J8177B-C ATGBICS-J8177B-C Datasheet
185Kb / 7P
   J8177B HPE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
Router-switch Ltd.
J8177D ROUTER-SWITCH-J8177D Datasheet
118Kb / 4P
   JL686A is an Aruba Instant On 1930 48G Class4 PoE 4SFP/SFP 370W Switch
J8177D ROUTER-SWITCH-J8177D Datasheet
51Kb / 2P
   HPE OfficeConnect 1920S 24G 2SFP PPoE 185W Switch
J8177D ROUTER-SWITCH-J8177D Datasheet
56Kb / 2P
   HPE OfficeConnect 1920S 24G 2SFP Switch
More results

Similar Description - J810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9102 EPCOS-B9102_2 Datasheet
185Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
B9101 EPCOS-B9101 Datasheet
172Kb / 12P
   SAW CELL/GPS/PCS Triplexer
B9100 EPCOS-B9100 Datasheet
176Kb / 12P
   SAW CELL / GPS / PCS Triplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
logo
Anaren Microwave
X3C19E2-20 ANAREN-X3C19E2-20 Datasheet
701Kb / 22P
   DCS, PCS, WCDMA and LTE
logo
RFHIC
RFUR89-60 RFHIC-RFUR89-60 Datasheet
167Kb / 2P
   Cell PCS Converter(DR)
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
Broadcom Corporation.
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com