Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75158DRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75158DRE4
Description  DUAL DIFFERENTIAL LINE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158DRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75158DRE4 Datasheet HTML 1Page - Texas Instruments SN75158DRE4 Datasheet HTML 2Page - Texas Instruments SN75158DRE4 Datasheet HTML 3Page - Texas Instruments SN75158DRE4 Datasheet HTML 4Page - Texas Instruments SN75158DRE4 Datasheet HTML 5Page - Texas Instruments SN75158DRE4 Datasheet HTML 6Page - Texas Instruments SN75158DRE4 Datasheet HTML 7Page - Texas Instruments SN75158DRE4 Datasheet HTML 8Page - Texas Instruments SN75158DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 0.9
– 1.5
V
VOH
High level output voltage
VCC = MIN,
VIL = 0.8 V,
24
3
V
VOH
High-level output voltage
CC
,
VIH = 2 V,
IL
,
IOH = – 40 mA
2.4
3
V
VOL
Low level output voltage
VCC = MIN,
VIL = 0.8 V,
02
04
V
VOL
Low-level output voltage
CC
,
VIH = 2 V,
IL
,
IOL = 40 mA
0.2
0.4
V
VOD1| Differential output voltage
VCC = MAX, IO = 0
3.5
2
×VOD2
V
|VOD2|
Differential output voltage
VCC = MIN
2
3
V
∆VOD
Change in magnitude of differential output voltage§
VCC = MIN
±0.02
±0.4
V
VOC
Common mode output voltage¶
VCC = MAX
RL = 100 Ω,
1.8
3
V
VOC
Common-mode output voltage¶
VCC = MIN
See Figure 1
1.5
3
V
∆VOC
Change in magnitude of common-mode output
VCC = MIN
±002
±04
V
∆VOC
gg
voltage§
CC
or MAX
±0.02
±0.4
V
VO = 6 V
0.1
100
IO
Output current with power off
VCC = 0
VO = – 0.25 V
– 0.1
– 100
µA
VO = – 0.25 to 6 V
±100
II
Input current at maximum input voltage
VCC = MAX, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–1
– 1.6
mA
IOS
Short-circuit output current #
VCC = MAX
–40
–90
– 150
mA
ICC
Supply current (both drivers)
VCC = MAX, Inputs grounded,
37
50
mA
ICC
Supply current (both drivers)
CC
TA = 25°C,
g
No load
37
50
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V and TA = 25°C except for VOC, for which VCC is as stated under test conditions.
§
∆VOD and ∆|VOC| are the changes in magnitudes of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
¶ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
# Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
See Figure 2 Termination A
16
25
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 2, Termination A
10
20
ns
tPLH
Propagation delay time, low-to-high-level output
See Figure 2 Termination B
13
20
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 2, Termination B
9
15
ns
tTLH
Transition time, low-to-high-level output
See Figure 2 Termination A
4
20
ns
tTLH
Transition time, high-to-low-level output
See Figure 2, Termination A
4
20
ns
Overshoot factor
See Figure 2, Termination C
10%


Similar Part No. - SN75158DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75158D TI-SN75158D Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75158DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com