Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V61C518256-15T Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V61C518256-15T
Description  32K X 8 HIGH SPEED STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C518256-15T Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V61C518256-15T Datasheet HTML 1Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 2Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 3Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 4Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 5Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 6Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 7Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 8Page - Mosel Vitelic, Corp V61C518256-15T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V61C518256 Rev. 0.3 July 1998
MOSEL VITELIC
V61C518256
DC Electrical Characteristics (over all temperature ranges, VCC = 5V ± 10%)
NOTES:
1.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
2.
VIL (Min.) = -3.0V for pulse width < 20ns.
3.
fMAX = 1/tRC.
4.
Maximum values.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIL
Input LOW Voltage(1,2)
-0.5
0.8
V
VIH
Input HIGH Voltage(1)
2.2
6
V
IIL
Input Leakage Current
VCC = Max, VIN = 0V to VCC
-5
5
mA
IOL
Output Leakage Current
VCC = Max, CE = VIH, VOUT = 0V to VCC
-5
5
mA
VOL
Output LOW Voltage
VCC = Min, IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
VCC = Min, IOH = -4mA
2.4
V
Symbol
Parameter
Com.(4)
Ind.
Units
ICC1
Average Operating Current, CE
£ VIL Output Open,
VCC = Max., f = fMAX
(3)
110
130
mA
ISB
TTL Standby Current
CE
³ VIH, VCC = Max.
25
40
mA
ISB1
CMOS Standby Current, CE
³ VCC – 0.2V,
VIN ³ VCC – 0.2V or VIN £ 0.2V, VCC = Max.
12
mA


Similar Part No. - V61C518256-15T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
More results

Similar Description - V61C518256-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com