Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD48F3000P0ZBQ0 Datasheet(PDF) 6 Page - Numonyx B.V

Part # RD48F3000P0ZBQ0
Description  Numonyx StrataFlash Embedded Memory
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RD48F3000P0ZBQ0 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button RD48F3000P0ZBQ0 Datasheet HTML 2Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 3Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 4Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 5Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 6Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 7Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 8Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 9Page - Numonyx B.V RD48F3000P0ZBQ0 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
P30
Datasheet
November 2007
6
Order Number: 306666-11
1.0
Introduction
This document provides information about the Numonyx™ StrataFlash® Embedded
Memory (P30) product and describes its features, operation, and specifications.
The Numonyx™ StrataFlash® Embedded Memory (P30) product is the latest generation
of Numonyx™ StrataFlash® memory devices. Offered in 64-Mbit up through 512-Mbit
densities, the P30 device brings reliable, two-bit-per-cell storage technology to the
embedded flash market segment. Benefits include more density in less space, high-
speed interface, lowest cost-per-bit NOR device, and support for code and data
storage. Features include high-performance synchronous-burst read mode, fast
asynchronous access times, low power, flexible security options, and three industry
standard package choices. The P30 product family is manufactured using Intel* 130 nm
ETOX™ VIII process technology.
The P30 product family is also planned on the Intel* 65nm process lithography. 65nm
AC timing changes are noted in this datasheet, and should be taken into account for all
new designs.
1.1
Nomenclature
1.2
Acronyms
1.8 V:
VCC (core) voltage range of 1.7 V – 2.0 V
3.0 V:
VCCQ (I/O) voltage range of 1.7 V – 3.6 V
9.0 V:
VPP voltage range of 8.5 V – 9.5 V
Block:
A group of bits, bytes, or words within the flash memory array that erase simultaneously
when the Erase command is issued to the device. The P30 has two block sizes: 32-KByte
and 128-KByte.
Main block:
An array block that is usually used to store code and/or data. Main blocks are larger than
parameter blocks.
Parameter block:
An array block that is usually used to store frequently changing data or small system
parameters that traditionally would be stored in EEPROM.
Top parameter device:
A device with its parameter blocks located at the highest physical address of its memory
map.
Bottom parameter device:
A device with its parameter blocks located at the lowest physical address of its memory
map.
BEFP:
Buffer Enhanced Factory Programming
CUI:
Command User Interface
MLC:
Multi-Level Cell
OTP:
One-Time Programmable
PLR:
Protection Lock Register
PR:
Protection Register
RCR:
Read Configuration Register


Similar Part No. - RD48F3000P0ZBQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD48F3000P0ZBQ0 INTEL-RD48F3000P0ZBQ0 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
More results

Similar Description - RD48F3000P0ZBQ0

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com