Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC28F256P30B85 Datasheet(PDF) 11 Page - Numonyx B.V

Part # RC28F256P30B85
Description  Numonyx StrataFlash Embedded Memory
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RC28F256P30B85 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button RC28F256P30B85 Datasheet HTML 7Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 8Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 9Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 10Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 11Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 12Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 13Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 14Page - Numonyx B.V RC28F256P30B85 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
11
P30
3.2
64-Ball Easy BGA Package
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
Lead Count
N
-
56
-
-
56
-
Lead Tip Angle
ý
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
Notes:
1.
One dimple on package denotes Pin 1.
2.
If two dimples, then the larger dimple denotes Pin 1.
3.
Pin 1 will always be in the upper left corner of the package, in reference to the product mark.
4.
Daisy Chain Evaluation Unit information is at Numonyx™ Flash Memory Packaging Technology
http://developer.Numonyx.com/design/flash/packtech.
Figure 2: Easy BGA Mechanical Specifications
Table 3:
TSOP Package Dimensions (Sheet 2 of 2)
Product Information
Symbol
Millimeters
Inches
Notes
Min
Nom
Max
Min
Nom
Max
E
Seating
Plane
S1
S2
e
Top View - Ball side down
Bottom View - Ball Side Up
Y
A
A1
D
Ball A1
Corner
A2
Note: Drawing not to scale
A
B
C
D
E
F
G
H
8
765432
1
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
b
Ball A1
Corner


Similar Part No. - RC28F256P30B85

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F256P30B85 INTEL-RC28F256P30B85 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
More results

Similar Description - RC28F256P30B85

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com