Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH72CD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH72CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH72CD Datasheet HTML 7Page - STMicroelectronics TSH72CD Datasheet HTML 8Page - STMicroelectronics TSH72CD Datasheet HTML 9Page - STMicroelectronics TSH72CD Datasheet HTML 10Page - STMicroelectronics TSH72CD Datasheet HTML 11Page - STMicroelectronics TSH72CD Datasheet HTML 12Page - STMicroelectronics TSH72CD Datasheet HTML 13Page - STMicroelectronics TSH72CD Datasheet HTML 14Page - STMicroelectronics TSH72CD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TSH70,71,72,73,74,75
Electrical Characteristics
11/33
4.1
Standby mode
Table 6.
VCC
+, V
CC
-, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vlow
Standby Low Level
VCC
-
(VCC
-
+0.8)
V
Vhigh
Standby High Level
(VCC
- +2)
(VCC
+)V
ICC STBY
Current Consumption per Operator
when STANDBY is Active
pin 8 (TSH71) to VCC
-
pin 1,2 or 3 (TSH73) to VCC
-
pin 8 (TSH75) to VCC
+
pin 9 (TSH75) to VCC
-
20
55
µA
Zout
Output Impedance (Rout//Cout)
Rout
Cout
10
17
M
pF
Ton
Time from Standby Mode to Active
Mode
2
µs
Toff
Time from Active Mode to Standby
Mode
Down to ICC STBY = 10µA10
µs
TSH71 STANDBY CONTROL pin 8 (STBY)
OPERATOR STATUS
Vlow
Standby
Vhigh
Active
TSH73 STANDBY CONTROL
OPERATOR STATUS
pin 1
(STBY OP1)
pin 2
(STBY OP2)
pin 3
(STBY OP3)
OP1
OP1
OP3
Vlow
x
x
Standby
x
x
Vhigh
xx
Active
x
x
xVlow
x
x
Standby
x
xVhigh
xActive
x
xx
Vlow
x
x
Standby
xx
Vhigh
xx
Active
TSH75 STANDBY CONTROL
OPERATOR STATUS
pin 8
(STBY OP2)
pin 9
(STBY OP3)
OP1
OP2
OP3
OP4
Vhigh
Vlow
Active
Standby
Standby
Active
Vhigh
Vhigh
Active
Standby
Active
Active
Vlow
Vlow
Active
Active
Standby
Active
Vlow
Vhigh
Active
Active
Active
Active


Similar Part No. - TSH72CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH72CD STMICROELECTRONICS-TSH72CD Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TSH72CDT STMICROELECTRONICS-TSH72CDT Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
More results

Similar Description - TSH72CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com