Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS912 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 3Page - STMicroelectronics TS912 Datasheet HTML 4Page - STMicroelectronics TS912 Datasheet HTML 5Page - STMicroelectronics TS912 Datasheet HTML 6Page - STMicroelectronics TS912 Datasheet HTML 7Page - STMicroelectronics TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics TS912 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS912
Electrical characteristics
7/18
en
Equivalent input noise voltage (Rs = 100Ω, f = 1kHz)
30
nV/
√Hz
VO1/VO2 Channel separation (f = 1kHz)
120
dB
φm
Phase margin
30
Degrees
1.
Maximum values include unavoidable inaccuracies of the industrial tests.
Table 4.
VCC
+ = 5V, V
CC
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless otherwise
specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit


Similar Part No. - TS912

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912 Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
TS912A STMICROELECTRONICS-TS912A Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
TS912AI STMICROELECTRONICS-TS912AI Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912AID STMICROELECTRONICS-TS912AID Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results

Similar Description - TS912

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com