Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F320W30 Datasheet(PDF) 10 Page - Numonyx B.V

Part # 28F320W30
Description  Numonyx Wireless Flash Memory (W30)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

28F320W30 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button 28F320W30 Datasheet HTML 6Page - Numonyx B.V 28F320W30 Datasheet HTML 7Page - Numonyx B.V 28F320W30 Datasheet HTML 8Page - Numonyx B.V 28F320W30 Datasheet HTML 9Page - Numonyx B.V 28F320W30 Datasheet HTML 10Page - Numonyx B.V 28F320W30 Datasheet HTML 11Page - Numonyx B.V 28F320W30 Datasheet HTML 12Page - Numonyx B.V 28F320W30 Datasheet HTML 13Page - Numonyx B.V 28F320W30 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Numonyx™ Wireless Flash Memory (W30)
Datasheet
November 2007
10
Order Number: 290702-13
Numonyx™ Wireless Flash Memory (W30)
The flash device Command User Interface (CUI) links the system processor to the
internal flash memory operation. A valid command sequence written to the CUI initiates
the flash device Write State Machine (WSM) operation, which automatically executes
the algorithms, timings, and verifications necessary to manage flash memory program
and erase. An internal status register provides ready/busy indication results of the
operation (success, fail, and so on).
Three power-saving features– Automatic Power Savings (APS), standby, and RST#–
can significantly reduce power consumption.
• The flash device automatically enters APS mode following read cycle completion.
• Standby mode begins when the system deselects the flash memory by de-asserting
CE#.
• Driving RST# low produces power savings similar to standby mode. It also resets
the part to read-array mode (important for system-level reset), clears internal
status registers, and provides an additional level of flash device write protection.
2.2
Memory Map and Partitioning
The W30 flash memory device is divided into 4-Mbit physical partitions. This
partitioning allows simultaneous RWW or RWE operations, and enables users to
segment code and data areas on 4-Mbit boundaries. The flash memory array is
asymmetrically blocked, which enables system code and data integration within a
single flash device. Each block can be erased independently in block erase mode.
Simultaneous program and erase operations are not allowed; only one partition at a
time can be actively programming or erasing. See Table 1, “Bottom Parameter Memory
Map” on page 11 and Table 2, “Top Parameter Memory Map” on page 11.
• The 32-Mbit flash device has eight partitions.
• The 64-Mbit flash device has 16 partitions.
• The 128-Mbit flash device has 32 partitions.
Each flash device density contains one parameter partition and several main partitions.
The 4-Mbit parameter partition contains eight 4-Kword parameter blocks and seven 32-
Kword main blocks. Each 4-Mbit main partition contains eight 32-Kword blocks.
The bulk of the flash memory array is divided into main blocks that can store code or
data, and parameter blocks that allow storage of frequently updated small parameters
that are normally stored in EEPROM. By using software techniques, the word-rewrite
functionality of EEPROMs can be emulated.
.


Similar Part No. - 28F320W30

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320W30 INTEL-28F320W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results

Similar Description - 28F320W30

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com