Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS982 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS982
Description  Wide bandwidth dual bipolar operational amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982 Datasheet(HTML) 1 Page - STMicroelectronics

  TS982 Datasheet HTML 1Page - STMicroelectronics TS982 Datasheet HTML 2Page - STMicroelectronics TS982 Datasheet HTML 3Page - STMicroelectronics TS982 Datasheet HTML 4Page - STMicroelectronics TS982 Datasheet HTML 5Page - STMicroelectronics TS982 Datasheet HTML 6Page - STMicroelectronics TS982 Datasheet HTML 7Page - STMicroelectronics TS982 Datasheet HTML 8Page - STMicroelectronics TS982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
June 2008
Rev 6
1/20
20
TS982
Wide bandwidth dual bipolar operational amplifier
Features
Operating from VCC = 2.5 V to 5.5 V
200 mA output current on each amplifier
High dissipation package
Rail-to-rail input and output
Unity-gain stable
Applications
Hall sensor compensation coil
Servo amplifier
Motor driver
Industrial
Automotive
Description
The TS982 is a dual operational amplifier able to
drive 200 mA down to voltages as low as 2.7 V.
The SO-8 exposed-pad package allows high
current output at high ambient temperatures
making it a reliable solution for automotive and
industrial applications.
The TS982 is stable with a unity gain.
Pin connections (top view)
DW
SO-8 exposed-pad
(Plastic micropackage)
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
-
-
+
+
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
-
-
+
+
www.st.com


Similar Part No. - TS982

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS982C3R FUJI-TS982C3R Datasheet
563Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R Datasheet
393Kb / 12P
   SILICON DIODE
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - TS982

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
STMicroelectronics
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
   WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com