Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW-N20W5+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BW-N20W5+
Description  Precision Fixed Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-N20W5+ Datasheet(HTML) 1 Page - Mini-Circuits

  BW-N20W5+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C**
Outline Drawing
Outline Dimensions (
)
BW-N20W5+
ATTENUATION
19.8
19.9
20.0
20.1
20.2
20.3
0
3000
6000
9000
12000 15000 18000
FREQUENCY (MHz)
inch
mm
BW-N20W5+
50
5W
20dB
DC to 18000 MHz
Precision Fixed Attenuator
REV. C
M98898
EA-8722
BW-N20W5+
070323
Page 1 of 1
Coaxial
CASE STYLE: DC736
Connectors
Model
Price
Qty.
N-Female N-Male
BW-N20W5+ $54.95 ea.
(1-49)
BW-N20W5+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
1. At 25°C, accuracy includes frequency and power variations. Temperature coefficient for attenuation: .0004dB/dB/°C typ.
2. VSWR from 12.4 to 18 GHz, 1.6:1 typ.
3. Average power at 25°C ambient, derate linearly to 2W at 100°C. Peak Power 125W max. 5µsec. pulse width, 100 Hz PRF.
Features
• DC to 18000 MHz
• precise attenuation
• excellent VSWR, 1.20 typ
• stainless steel N male and female connectors
Applications
• matching
• instrumentation
• test set-ups
FREQ.
RANGE
(MHz)
ATTENUATION1
(dB)
VSWR2
(:1)
MAX.
INPUT
POWER3
ACCURACY
DC-4
GHz
4-8
GHz
8-12.4
GHz
(W)
f
L--fU
Nom.
Max.
Max.
Max.
DC-18000
20
-0.5, +0.8
1.20
1.25
1.30
5
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
** With mated connectors; unmated, 85°C max.
BD
E
wt
.61
1.90
.812
grams
15.49
48.26
20.62
49.7
100
20.00
1.01
2000
20.06
1.01
4000
20.07
1.02
6000
20.17
1.10
8000
20.10
1.09
10000
20.07
1.15
12000
20.12
1.05
14000
20.07
1.10
16000
20.17
1.15
18000
20.09
1.03
Electrical Schematic
FEMALE
MALE
R1
R2
R3


Similar Part No. - BW-N20W5+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-N20W5 MINI-BW-N20W5 Datasheet
197Kb / 1P
   Precision Fixed Attenuator
BW-N20W50 MINI-BW-N20W50 Datasheet
210Kb / 2P
   Precision Fixed Attenuator
More results

Similar Description - BW-N20W5+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-E20-1W653 MINI-BW-E20-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-K20-2W44 MINI-BW-K20-2W44 Datasheet
182Kb / 2P
   Precision Fixed Attenuator
BW-E6-1W653 MINI-BW-E6-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-E10-1W653 MINI-BW-E10-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-S8W2 MINI-BW-S8W2 Datasheet
186Kb / 1P
   Precision Fixed Attenuator
BW-S50W2 MINI-BW-S50W2 Datasheet
174Kb / 1P
   Precision Fixed Attenuator
BW-S15W5 MINI-BW-S15W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-S30W5 MINI-BW-S30W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-N10W5 MINI-BW-N10W5 Datasheet
196Kb / 1P
   Precision Fixed Attenuator
BW-K5-2W44 MINI-BW-K5-2W44 Datasheet
201Kb / 2P
   Precision Fixed Attenuator
BW-E30-1W653 MINI-BW-E30-1W653 Datasheet
178Kb / 2P
   Precision Fixed Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com