Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDE1747FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDE1747FP
Description  Interface circuit - relay and lamp-driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1747FP Datasheet(HTML) 4 Page - STMicroelectronics

  TDE1747FP Datasheet HTML 1Page - STMicroelectronics TDE1747FP Datasheet HTML 2Page - STMicroelectronics TDE1747FP Datasheet HTML 3Page - STMicroelectronics TDE1747FP Datasheet HTML 4Page - STMicroelectronics TDE1747FP Datasheet HTML 5Page - STMicroelectronics TDE1747FP Datasheet HTML 6Page - STMicroelectronics TDE1747FP Datasheet HTML 7Page - STMicroelectronics TDE1747FP Datasheet HTML 8Page - STMicroelectronics TDE1747FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TDE1747
4/17
2
Electrical characteristics
TJ
= −25 to +85°C, V
CC
= 8 to 45 V, unless otherwise specified (note 1)
Table 3.
Electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIO
Input offset voltage(1)(2)
1.
For operating at high temperature, the TDE1747, must be derated based on a +150°C maximum junction temperature and
junction-ambient thermal resistance of 120°C/W for DIP-8 and 100°C/W for the SO14.
2.
The offset voltage given is the maximum value of input voltage required to drive the output voltage within 2V of the ground
or the supply voltage.
2
50
mV
IIB
Input bias current
0.1
1.5
mA
ICC
Supply Current (VCC = +24V, IO = 0)
High level
Low level
4
2
6
4
mA
mA
VI(max)
Common–mode input voltage range
2
VCC–2
V
ISC
Short–circuit Current Limit (TA = 25°C, VCC = +24V)
RSC= 1.5Ω
RSC=
480
35
50
mA
mA
VCC–VO
Output saturation voltage (output low)
(VI
+– V
I
-
50mV, R
SC = 0, IO = 300mA, )
TJ = + 25°C
TA = + 25°C
1.15
1.05
1.4
1.3
V
V
IOL
Output leakage current (output high)
(VO = 0, VCC = +24V, TA = + 25°C)
0.01
10
µA


Similar Part No. - TDE1747FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1747FP STMICROELECTRONICS-TDE1747FP Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747FP STMICROELECTRONICS-TDE1747FP Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
More results

Similar Description - TDE1747FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
   Interface circuit (relay and lamp driver)
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
   Interface circuit - relay and lamp-driver
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
   Interface circuit (relay and Lamp-driver)
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com