Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5159C5075P00 Datasheet(PDF) 1 Page - Anaren Microwave

Part # B5159C5075P00
Description  Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B5159C5075P00 Datasheet(HTML) 1 Page - Anaren Microwave

  B5159C5075P00 Datasheet HTML 1Page - Anaren Microwave B5159C5075P00 Datasheet HTML 2Page - Anaren Microwave B5159C5075P00 Datasheet HTML 3Page - Anaren Microwave B5159C5075P00 Datasheet HTML 4Page - Anaren Microwave B5159C5075P00 Datasheet HTML 5Page - Anaren Microwave B5159C5075P00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2326L50200A00
Rev C
Ultra Small Low Profile 0603 Balun
50Ω to 200Ω Balanced
Description
The BD2326L50200A00 is an ultra-small low profile balanced to unbalanced
transformer designed for differential inputs and output locations on next generation
wireless chipsets in an easy to use surface mount package covering 802.11b+g+n.
The BD2326L50200A00 is ideal for high volume manufacturing and is higher
performance than traditional ceramic baluns. The BD2326L50200A00 has an
unbalanced port impedance of 50
Ω and a 200Ω balanced port impedance. This
transformation enables single ended signals to be applied to differential ports on
modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180
degree phase differential. The BD2326L50200A00 is available on tape and reel for
pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25
°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2300
2600
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
200
Return Loss
12
18
dB
Insertion Loss*
0.9
1.1
dB
Amplitude Balance
0.4
0.8
dB
Phase Balance
3
9
Degrees
CMRR
29
dB
Power Handling
2
Watts
Features:
• 2300 – 2600 MHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 100 Ohm
• 802.11 b+g +n Compliant
• Low Insertion Loss
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Pin
3
6
1
2
4
5
Designation
Unbalanced Port
DC Bias/GND
Balanced Port
Orientation
Marker Denotes
Pin Location
.027±.002
[0.70±0.05]
.059±.004
[1.50±0.10]
.029±.004
[0.75±0.10]
Balanced Port
GND
GND
.008
[0.20]
.010
[0.24]
4
5
6
.020
[0.52]
3
.020
[0.50]
2
1


Similar Part No. - B5159C5075P00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5159 EPCOS-B5159 Datasheet
90Kb / 8P
   SAW RF filter for base station LTE
More results

Similar Description - B5159C5075P00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD4859L50200A00 ANAREN-BD4859L50200A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD2326L50150A00 ANAREN-BD2326L50150A00 Datasheet
231Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50100A00 ANAREN-BD4859L50100A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50150A00 ANAREN-BD4859L50150A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
B4859A53 ANAREN-B4859A53 Datasheet
218Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L5075A00 ANAREN-BD4859L5075A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 75廓 Balanced
logo
Yantel Corporation
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Anaren Microwave
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com