Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4135G2V-B-90B81 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD4135G2V-B-90B81
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135G2V-B-90B81 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD4135G2V-B-90B81 Datasheet HTML 7Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 8Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 9Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 10Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 11Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 12Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 13Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 14Page - STMicroelectronics PSD4135G2V-B-90B81 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
PSD4000 Series
Preliminary Information
8
The following table describes the pin names and pin functions of the PSD4000. Pins that
have multiple names and/or functions are defined using PSDsoft.
6.0
Table 5.
PSD4000
Pin
Descriptions
Pin*
(TQFP
Pin Name
Pkg.)
Type
Description
ADIO0-7
3-7
I/O
This is the lower Address/Data port. Connect your MCU
10-12
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the lower address bits, connect
AD[0:7] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[0:7] to this port.
3. If you are using an 80C51XA in burst mode, connect
A4/D0 through A11/D7 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional blocks
was selected. The addresses on this port are passed to the
PLDs.
ADIO8-15
13-20
I/O
This is the upper Address/Data port. Connect your MCU
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the upper address bits, connect
AD[8:15] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[8:15] to this port.
3. If you are using an 80C51XA in burst mode, connect
A12/D8 through A19/D15 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional
blocks was selected. The addresses on this port are passed
to the PLDs.
CNTL0
59
I
The following control signals can be connected to this port,
based on your MCU:
1. WR — active-low write input.
2. R_W — active-high read/active low write input.
3. WRL — Write to low byte, active low
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL1
60
I
The following control signals can be connected to this port,
based on your MCU:
1. RD — active-low read input.
2. E — E clock input.
3. DS — active-low data strobe input.
4. LDS — Strobe for low data byte, active low.
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL2
40
I
Read or other Control input pin with multiple configurations.
Depending on the MCU interface selected, this pin can be:
1. PSEN — Program Select enable, active low in code fetch
bus cycle (80C51XA mode)
2. BHE — High byte enable.
3. UDS — Strobe for high data byte, 16-bit data bus mode,
active low.
4. SIZ0 — Byte enable input.
5. LSTRB — Low strobe input.
This pin is also connected to PLD as input.


Similar Part No. - PSD4135G2V-B-90B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD413A1 STMICROELECTRONICS-PSD413A1 Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15J STMICROELECTRONICS-PSD413A1-C-15J Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15L STMICROELECTRONICS-PSD413A1-C-15L Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15U STMICROELECTRONICS-PSD413A1-C-15U Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-70J STMICROELECTRONICS-PSD413A1-C-70J Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - PSD4135G2V-B-90B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com