Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K15MYW22 Datasheet(PDF) 2 Page - SunLED Corporation

Part # K15MYW22
Description  26mm LED CLUSTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

K15MYW22 Datasheet(HTML) 2 Page - SunLED Corporation

  K15MYW22 Datasheet HTML 1Page - SunLED Corporation K15MYW22 Datasheet HTML 2Page - SunLED Corporation K15MYW22 Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
K15MYW22
Published Date : MAR 26,2008
Drawing No :SDSA3359
V5
Checked : B.L.LIU
P.2/3
26mm LED
CLUSTER
www.SunLED.com
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Min
Typ.
Max.
Units
Test Conditions
IV
Luminous Intensity
K15MYW22
4700
6990
-
mcd
IF=60mA
2
θ1/2
Viewing Angle
-
40
-
deg
-
VF
Forward Voltage
-
10
12
V
IF=60mA
λ P
Wavelength of Peak Emission
-
590
-
nm
IF=60mA
λ D
Wavelength of Dominant
Emission
-
588
-
nm
IF=60mA
Δλ 1/2
Spectral Line Full Width At
Half-Maximum
-
28
-
nm
IF=60mA
IR
Reverse Current
-
-
30
uA
VR = 5V
Absolute Maximum Ratings at TA=25°C
Parameter
Type
Units
Power dissipation
900
mW
DC Forward Current
90
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +70°C
Storage Temperature
-40°C To +85°C


Similar Part No. - K15MYW22

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
K15MDW51 SUNLED-K15MDW51 Datasheet
146Kb / 3P
   26mm LED LAMP CLUSTER
More results

Similar Description - K15MYW22

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
K6MR8MGW10 SUNLED-K6MR8MGW10 Datasheet
152Kb / 3P
   26mm LED CLUSTER
logo
Kingbright Corporation
BL0102-14-34 KINGBRIGHT-BL0102-14-34 Datasheet
47Kb / 2P
   26mm LED CLUSTER
BL0104-21-72 KINGBRIGHT-BL0104-21-72 Datasheet
76Kb / 2P
   26mm LED CLUSTER
logo
SunLED Corporation
K4MD9BBA8SGW86 SUNLED-K4MD9BBA8SGW86 Datasheet
158Kb / 3P
   26mm LED LAMP CLUSTER
K15MDW51 SUNLED-K15MDW51 Datasheet
146Kb / 3P
   26mm LED LAMP CLUSTER
K4MR9BBA8MGW87 SUNLED-K4MR9BBA8MGW87 Datasheet
156Kb / 3P
   26mm LED LAMP CLUSTER
logo
Micro Electronics
MT14Y MICRO-ELECTRONICS-MT14Y Datasheet
61Kb / 2P
   26mm DIAMETER LED LAMP CLUSTER SERIES
MT14Y-3S MICRO-ELECTRONICS-MT14Y-3S Datasheet
59Kb / 2P
   26mm DIAMETER LED LAMP CLUSTER SERIES
logo
SunLED Corporation
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
   18.4mm LED CLUSTER
logo
Kingbright Corporation
BL0709-18-76 KINGBRIGHT-BL0709-18-76 Datasheet
55Kb / 2P
   28mmX28mm LED CLUSTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com