Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH602C Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH602C
Description  Ultrafast recovery diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH602C Datasheet(HTML) 8 Page - STMicroelectronics

  STTH602C Datasheet HTML 1Page - STMicroelectronics STTH602C Datasheet HTML 2Page - STMicroelectronics STTH602C Datasheet HTML 3Page - STMicroelectronics STTH602C Datasheet HTML 4Page - STMicroelectronics STTH602C Datasheet HTML 5Page - STMicroelectronics STTH602C Datasheet HTML 6Page - STMicroelectronics STTH602C Datasheet HTML 7Page - STMicroelectronics STTH602C Datasheet HTML 8Page - STMicroelectronics STTH602C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STTH602C
8/9
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH602CT
STTH602C
TO-220AB
2.23 g
50
Tube
STTH602CFP
STTH602C
TO-220FPAB
2 g
50
Tube
Date
Revision
Description of Changes
05-Apr-2006
1
First issue


Similar Part No. - STTH602C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
   Automotive ultrafast recovery diode
STTH602CSF STMICROELECTRONICS-STTH602CSF Datasheet
330Kb / 10P
   200 V, dual 3 A ultrafast rectifier
Rev 1 - November 2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
   Automotive 200 V, dual 3 A ultrafast rectifier
Rev 1 - November 2020
logo
Inchange Semiconductor ...
STTH602CT ISC-STTH602CT Datasheet
272Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - STTH602C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com