Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V61C518256 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V61C518256
Description  32K X 8 HIGH SPEED STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C518256 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V61C518256 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C518256 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V61C518256
3
V61C518256 Rev. 0.3 July 1998
Part Number Information
Absolute Maximum Ratings (1)
NOTE:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol
Parameter
Commercial
Units
VCC
Supply Voltage
-0.5 to +7
V
VN
Input Voltage
-0.5 to +7
V
VDQ
Input/Output Voltage Applied
VCC + 0.5
V
TBIAS
Temperature Under Bias
-55 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
SRAM
FAMILY
C = CMOS PROCESS
61 = STANDARD
51 = 5V
OPERATING
VOLTAGE
256K
ORGANIZATION
PKG
SPEED
518256-05
PWR.
61
C
8
51
256
MOSEL-VITELIC
MANUFACTURED
V
8 = 8-bit
10 ns
12 ns
15 ns
TEMP.
BLANK = 0
¡C to 70¡C
BLANK = STANDARD
T = TSOP STANDARD
R = 300-mil SOJ
DENSITY
Capacitance*
TA = 25°C, f = 1.0MHz
NOTE:
* This parameter is guaranteed by design and not tested.
Truth Table
NOTE:
X = Don’t Care, L = LOW, H = HIGH
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VI/O = 0V
8
pF
Mode
CE
OE
WE
I/O
Operation
Standby
H
X
X
High Z
Read
L
L
H
DOUT
Read
L
H
H
High Z
Write
L
X
L
DIN


Similar Part No. - V61C518256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
More results

Similar Description - V61C518256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com