Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9222 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9222
Description  QUAD INVERTING TRANSISTOR SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9222 Datasheet(HTML) 5 Page - STMicroelectronics

  L9222_04 Datasheet HTML 1Page - STMicroelectronics L9222_04 Datasheet HTML 2Page - STMicroelectronics L9222_04 Datasheet HTML 3Page - STMicroelectronics L9222_04 Datasheet HTML 4Page - STMicroelectronics L9222_04 Datasheet HTML 5Page - STMicroelectronics L9222_04 Datasheet HTML 6Page - STMicroelectronics L9222_04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
L9222
Figure 5. SO20L Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.200
C
0.23
0.32
0.009
0.013
D (1)
12.60
13.00
0.496
0.512
E
7.40
7.60
0.291
0.299
e
1.27
0.050
H
10.0
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.40
1.27
0.016
0.050
k
0˚ (min.), 8˚ (max.)
ddd
0.10
0.004
(1) “D” dimension does not include mold flash, protusions or gate
burrs. Mold flash, protusions or gate burrs shall not exceed
0.15mm per side.
SO20
0016022 D


Similar Part No. - L9222_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222 Datasheet
91Kb / 5P
   QUAD INVERTING TRANSISTOR SWITCH
More results

Similar Description - L9222_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222 Datasheet
91Kb / 5P
   QUAD INVERTING TRANSISTOR SWITCH
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74F242 PHILIPS-74F242 Datasheet
84Kb / 10P
   Quad transceiver, inverting 3-State
1990 Aug 31
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
National Semiconductor ...
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
logo
List of Unclassifed Man...
LX509 ETC-LX509 Datasheet
85Kb / 4P
   Low Current Quad Inverting Amplifiers
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
Toshiba Semiconductor
TC74HC157AP TOSHIBA-TC74HC157AP_07 Datasheet
288Kb / 9P
   Quad 2-Channel Multiplexer (inverting)
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com