Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6375S Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6375S
Description  0.5A high-side driver industrial intelligent power switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6375S Datasheet HTML 2Page - STMicroelectronics L6375S Datasheet HTML 3Page - STMicroelectronics L6375S Datasheet HTML 4Page - STMicroelectronics L6375S Datasheet HTML 5Page - STMicroelectronics L6375S Datasheet HTML 6Page - STMicroelectronics L6375S Datasheet HTML 7Page - STMicroelectronics L6375S Datasheet HTML 8Page - STMicroelectronics L6375S Datasheet HTML 9Page - STMicroelectronics L6375S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
L6375S
6/17
2.3
Electrical characteristics
Table 5.
Electrical characteristics
(VS = 24V; TJ = –25 to +125°C, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vsmin
Supply voltage for valid
diagnostic
Idiag = > 0.5mA;
Vdiag = 1.5V;
4
35
V
Vs
Operative supply voltage
8
24
35
V
Vsth1
Undervoltage threshold 1
7
7.5
8
V
Vsth2
Undervoltage threshold 2
6.5
7
7.5
V
Vshys
Under voltage hysteresis
300
500
700
mV
Iq
Quiescent current
Output open
800
µA
Iqo
Quiescent current
Output ON
1.6
mA
Vith
Input threshold voltage
0.8
1.3
2
V
Viths
Input threshold hysteresis
50
400
mV
Vil
Input low level voltage
-7
0.8
V
Vih
Input high level voltage
Vs < 18V
2
V
s - 3
V
Vih
Input high level voltage
Vs > 18V
2
15
V
Iib
Input bias current
Vi = -7 to 15V
-250
250
mA
Idch
Delay capacitor charging
current
ON DELAY pin shorted to
Ground
2.5
mA
Vdon
Output voltage drop
Iout = 500mA TJ = 25°C
TJ = 125°C
Iout =625mA TJ = 25°C
TJ= 125°C
200
320
250
400
280
440
350
550
mV
mV
mV
mV
Iolk
Output leakage current
Vi = LOW; Vout=0
100
µA
Vol
Output low state voltage
Vi = HIGH; pin floating
0.8
1.5
V
Vcl
Internal voltage clamp
(Vs-Vout)
Io = 200mA
single pulsed = 300ms
48
53
58
V
Isc
Short circuit output current
Vs = 8 to 35V; Rl = 2Ω;
0.75
1.1
1.5
A
Iold
Open load detection current
Vi = Vih; TA= 0 to +85°C
1
3
6
mA
Voth1
Output status threshold 1
voltage
4.5
5
5.5
V
Voth2
Output status threshold 2
voltage
4
4.5
5
V
Vohys
Output status threshold
hysteresis
300
500
700
mV
Iosd
Output status source current
Vout > Voth1 ; Vos = 2.5V
2
4
mA


Similar Part No. - L6375S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6375DTR STMICROELECTRONICS-L6375DTR Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
More results

Similar Description - L6375S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
   2.5A high-side driver industrial intelligent power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com