Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6375D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6375D
Description  0.5A high-side driver industrial intelligent power switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics L6375D Datasheet HTML 10Page - STMicroelectronics L6375D Datasheet HTML 11Page - STMicroelectronics L6375D Datasheet HTML 12Page - STMicroelectronics L6375D Datasheet HTML 13Page - STMicroelectronics L6375D Datasheet HTML 14Page - STMicroelectronics L6375D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L6375D
Application circuits
11/16
3
Application circuits
Figure 5.
Inductive load equivalent circuit
Figure 6.
External demagnetisation circuit (versus ground)


Similar Part No. - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375D STMICROELECTRONICS-L6375D Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
More results

Similar Description - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
   2.5A high-side driver industrial intelligent power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com