Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUY22D Datasheet(PDF) 3 Page - SunLED Corporation

Part # EUY22D
Description  5mmx10mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUY22D Datasheet(HTML) 3 Page - SunLED Corporation

  EUY22D Datasheet HTML 1Page - SunLED Corporation EUY22D Datasheet HTML 2Page - SunLED Corporation EUY22D Datasheet HTML 3Page - SunLED Corporation EUY22D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 20,2008
Drawing No : SDSA3730
V4
Checked : B.L.LIU
P.3/4
5mmx10mm LIGHT BAR
Part Number:
EUY22D
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity/ Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - EUY22D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY23D SUNLED-EUY23D Datasheet
181Kb / 4P
   5mmx16mm LIGHT BAR
EUY2400M SUNLED-EUY2400M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2450M SUNLED-EUY2450M Datasheet
187Kb / 4P
   19.05mm x 3.81mm LED LIGHT BAR
EUY24D SUNLED-EUY24D Datasheet
163Kb / 3P
   10mmx10mm LIGHT BAR
More results

Similar Description - EUY22D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP835 KINGBRIGHT-WP835 Datasheet
409Kb / 6P
   5mmx10mm LIGHT BAR
logo
SunLED Corporation
EUR22D SUNLED-EUR22D Datasheet
177Kb / 4P
   5mmx10mm LIGHT BAR
logo
Kingbright Corporation
WP835-2SRDT KINGBRIGHT-WP835-2SRDT Datasheet
409Kb / 6P
   5mmx10mm LIGHT BAR
WP835-2YDT KINGBRIGHT-WP835-2YDT Datasheet
410Kb / 6P
   5mmx10mm LIGHT BAR
WP835-2IDT KINGBRIGHT-WP835-2IDT Datasheet
410Kb / 6P
   5mmx10mm LIGHT BAR
logo
SunLED Corporation
EMG22D SUNLED-EMG22D Datasheet
177Kb / 4P
   5mmx10mm LIGHT BAR
EMR22D SUNLED-EMR22D Datasheet
175Kb / 4P
   5mmx10mm LIGHT BAR
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
   LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
   LIGHT BAR
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
   LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com