Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMG2550D Datasheet(PDF) 3 Page - SunLED Corporation

Part # EMG2550D
Description  19.05mmx3.81mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMG2550D Datasheet(HTML) 3 Page - SunLED Corporation

  EMG2550D Datasheet HTML 1Page - SunLED Corporation EMG2550D Datasheet HTML 2Page - SunLED Corporation EMG2550D Datasheet HTML 3Page - SunLED Corporation EMG2550D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 20,2008
Drawing No :SDSA3876
V3
Checked : Shin Chi
P.3/4
Part Number
: EMG2550D
19.05mmx3.81mm LED LIGHT BAR
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - EMG2550D

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG25-REL PHOENIX-EMG25-REL Datasheet
57Kb / 3P
   Relay interfaces against interference on the control side, with soldered-in miniature switching relays, contacts (Au): small loads, 2 PDT, input voltage 230 V AC
logo
SunLED Corporation
EMG2500D SUNLED-EMG2500D Datasheet
185Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
More results

Similar Description - EMG2550D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EURMG2350M SUNLED-EURMG2350M Datasheet
212Kb / 5P
   19.05mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2350EW KINGBRIGHT-KB2350EW Datasheet
196Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
KB2550SGD KINGBRIGHT-KB2550SGD Datasheet
195Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
KB-B100SURKW KINGBRIGHT-KB-B100SURKW Datasheet
345Kb / 6P
   19.05mmx3.81mm LED LIGHT BAR
KB2450YW KINGBRIGHT-KB2450YW Datasheet
196Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
KB2450SYKW KINGBRIGHT-KB2450SYKW Datasheet
342Kb / 6P
   19.05mmx3.81mm LED LIGHT BAR
KB-B100SRW KINGBRIGHT-KB-B100SRW Datasheet
60Kb / 3P
   19.05mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EUR2350M SUNLED-EUR2350M Datasheet
184Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
EMRB100M SUNLED-EMRB100M Datasheet
182Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2550CGKD KINGBRIGHT-KB2550CGKD Datasheet
346Kb / 6P
   19.05mmx3.81mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com