Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUY127A-A Datasheet(PDF) 3 Page - SunLED Corporation

Part # DUY127A-A
Description  127mm (5.0) SEVEN SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUY127A-A Datasheet(HTML) 3 Page - SunLED Corporation

  DUY127A-A Datasheet HTML 1Page - SunLED Corporation DUY127A-A Datasheet HTML 2Page - SunLED Corporation DUY127A-A Datasheet HTML 3Page - SunLED Corporation DUY127A-A Datasheet HTML 4Page - SunLED Corporation DUY127A-A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SunLED.com
Published Date : MAR 13,2008
Drawing No : SDSA0677
V4
Checked : Shin Chi
P.3/5
Part Number:
DUY127A-A
127mm (5.0”) SEVEN SEGMENT DISPLAY


Similar Part No. - DUY127A-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY127C-A SUNLED-DUY127C-A Datasheet
209Kb / 5P
   127mm (5.0) SEVEN SEGMENT DISPLAY
More results

Similar Description - DUY127A-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG127C-A SUNLED-DUG127C-A Datasheet
210Kb / 5P
   127mm (5.0?? SEVEN SEGMENT DISPLAY
DMR127A-A SUNLED-DMR127A-A Datasheet
218Kb / 5P
   127mm (5.0) SEVEN SEGMENT DISPLAY
DUR127A-A SUNLED-DUR127A-A Datasheet
212Kb / 5P
   127mm (5.0?? SEVEN SEGMENT DISPLAY
DMR127C-A SUNLED-DMR127C-A Datasheet
218Kb / 5P
   127mm (5.0) SEVEN SEGMENT DISPLAY
DUR127C-A SUNLED-DUR127C-A Datasheet
213Kb / 5P
   127mm (5.0?? SEVEN SEGMENT DISPLAY
DUG127A-A SUNLED-DUG127A-A Datasheet
210Kb / 5P
   127mm (5.0) SEVEN SEGMENT DISPLAY
DUY127C-A SUNLED-DUY127C-A Datasheet
209Kb / 5P
   127mm (5.0) SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
BetLux Electronics
BL-S500A-11 BETLUX-BL-S500A-11 Datasheet
350Kb / 5P
   126.60mm (5.0) Single digit Seven Segment LED display series
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com