Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C512-70B6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # M27C512-70B6F
Description  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-70B6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27C512-70B6F Datasheet HTML 6Page - STMicroelectronics M27C512-70B6F Datasheet HTML 7Page - STMicroelectronics M27C512-70B6F Datasheet HTML 8Page - STMicroelectronics M27C512-70B6F Datasheet HTML 9Page - STMicroelectronics M27C512-70B6F Datasheet HTML 10Page - STMicroelectronics M27C512-70B6F Datasheet HTML 11Page - STMicroelectronics M27C512-70B6F Datasheet HTML 12Page - STMicroelectronics M27C512-70B6F Datasheet HTML 13Page - STMicroelectronics M27C512-70B6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M27C512
10/22
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 5. AC Measurement Conditions
Figure 7. Testing Input Output Waveform
Figure 8. AC Testing Load Circuit
Table 6. Capacitance
Note: 1. TA = 25°C, f = 1MHz
2. Sampled only, not 100% tested.
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Symbol
Parameter
Test Condition (1,2)
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF


Similar Part No. - M27C512-70B6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-70B6 STMICROELECTRONICS-M27C512-70B6 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-70B6 STMICROELECTRONICS-M27C512-70B6 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
More results

Similar Description - M27C512-70B6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com