Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR10CY Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CR10CY
Description  MEDIUM POWER, INVERTER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR10CY Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CR10CY Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR10CY Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR10CY Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR10CY Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR10CY Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR〉
CR10CY
MEDIUM POWER, INVERTER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10CY
APPLICATION
Inverter, DC choppers, DC static switches, pulse generator
Symbol
VRRM
VRSM
VDRM
VDSM
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
Voltage class
Unit
V
V
V
V
8
400
500
400
500
12
600
720
600
720
Symbol
IT (RMS)
IT (AV)
ITSM
I2t
di/dt
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
Parameter
RMS on-state current
Average on-state current
Surge on-state current
I2t for fusing
Critical rate of rise of on-state current
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Mounting torque
Weight
Conditions
Commercial frequency, sine half wave, 180
°C conduction, Tc=66°C
60Hz sine half wave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
VD=1/2VDRM, ITM=30A, IG=0.1A, Tc=25
°C, f=60Hz
Typical value
Unit
A
A
A
A2s
A/
µs
W
W
V
V
A
°C
°C
kg·cm
N·m
g
Ratings
15.5
10
200
165
100
5.0
0.5
10
5
2
–30 ~ +125
–30 ~ +125
30
2.94
8.8
MAXIMUM RATINGS
•IT (AV) ......................................................................... 10A
•VDRM ..............................................................400V/600V
•IGT ..........................................................................40mA
(16.2)
1
2
3
1
2
3
CATHODE
ANODE
GATE
OUTLINE DRAWING
Dimensions
in mm
φ2.0 MIN
M6
×1
φ8.7MAX
LOCK WASHER M6
BRASS NUT M6
×1
Note: Mica washer and spacer are
provided only upon request.
SOLDERLESS TERMINAL
TELEGRAPH WIRE
1.04~2.63mm2
MICA WASHER
φ32×φ6×t0.25
SPACER
φ9×φ6.2×t1
3
2
1


Similar Part No. - CR10CY

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results

Similar Description - CR10CY

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR20EY MITSUBISHI-CR20EY Datasheet
67Kb / 5P
   MEDIUM POWER, INVERTER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR12AM MITSUBISHI-CR12AM Datasheet
68Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
BCR25A MITSUBISHI-BCR25A Datasheet
92Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR20F MITSUBISHI-CR20F Datasheet
64Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12BM MITSUBISHI-CR12BM Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR12AM RENESAS-CR12AM_15 Datasheet
134Kb / 9P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com