Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC6856YQRCC60 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HC6856YQRCC60
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856YQRCC60 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HC6856YQRCC60 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856YQRCC60 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OTHER
• Listed on SMD #5962-92153. Available as
MIL-PRF-38535 QML Class Q and Class V
• Read/Write Cycle Times
≤ 30 ns (Typical)
≤ 40 ns (-55 to 125°C)
• Standby Current of 20
µA (typical)
• Asynchronous Operation
• CMOS or TTL Compatible I/O
• Single 5 V
± 10% Power Supply
• Packaging Options
- 36-Lead Flat Pack (0.630 in. x 0.650 in.)
- 28-Lead Flat Pack (0.530 in. x 0.720 in.)
- 28-Lead DIP, MIL-STD-1835, CDIP2-T28
RADIATION
• Fabricated with RICMOSIV Bulk
0.8
µm Process (L
eff = 0.65 µm)
• Total Dose Hardness through 1x106 rad(SiO
2)
• Neutron Hardness through 1x1014 cm-2
• Dynamic and Static Transient Upset Hardness
through 1x109 rad(Si)/s
• Soft Error Rate of <1x10-10 upsets/bit-day
• Dose Rate Survivability through 1x1012 rad(Si)/s
• Latchup Free
32K x 8 STATIC RAM
HC6856
Military & Space Products
GENERAL DESCRIPTION
The 32K x 8 Radiation Hardened Static RAM is a high
performance 32,768 x 8-bit static random access memory
with industry-standard functionality. It is fabricated with
Honeywell’s radiation hardened technology, and is de-
signed for use in systems operating in radiation environ-
ments. The RAM operates over the full military temperature
range and requires only a single 5 V
± 10% power supply.
The RAM is available with either TTL or CMOS compatible
I/O. Power consumption is typically less than 50 mW/MHz
in operation, and less than 5 mW/MHz in the low power
disabled mode. The RAM read operation is fully asynchro-
nous, with an associated typical access time of 20 ns.
Honeywell’s enhanced RICMOSIV (Radiation Insensitive
CMOS) technology is radiation hardened through the use of
advanced and proprietary design, layout, and process hard-
ening techniques. The RICMOSIV process is a 5-volt,
twin-well CMOS technology with a 170 Å gate oxide and a
minimum drawn feature size of 0.8
µm (0.65 µm effective
gate length—L
eff). Additional features include a three layer
interconnect metalization and a lightly doped drain (LDD)
structure for improved short channel reliability. High resis-
tivity cross-coupled polysilicon resistors have been incorpo-
rated for single event upset hardening.
FEATURES


Similar Part No. - HC6856YQRCC60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856YQRCC60

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com