Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC6856YVRCC60 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HC6856YVRCC60
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856YVRCC60 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HC6856YVRCC60 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HC6856YVRCC60 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HC6856
7
Worst Case (3)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V (CMOS), VIL/VIH=0V/3V (TTL), input rise and fall times <1 ns/V, input and
output timing reference levels shown in the Tester AC Timing Characteristics table, capacitive output loading0 pF, or equivalent capacitive
load of 5 pF for TWLQZ.
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55 to 125
°C, post total dose at 25°C.
(4) SER
≤1E-10 u/b-d from -55 to 80°.
(5) TAVAVW= TWLWH + TWHWL
TAVAVW
Write Cycle Time (5)
30
40
60
ns
TWLWH
Write Enable Write Pulse Width
25
35
55
ns
TSLWH
Chip Select to End of Write Time
25
35
55
ns
TDVWH
Data Valid to End of Write Time
20
30
50
ns
TAVWH
Address Valid to End of Write Time
25
35
55
ns
TWHDX
Data Hold Time after End of Write Time
0
0
0
ns
TAVWL
Address Valid Setup to Start of Write Time
0
0
0
ns
TWHAX
Address Valid Hold after End of Write Time
0
0
0
ns
TWLQZ
Write Enable to Output Disable Time
5
0
10
0
10
ns
TWHQX
Write Disable to Output Enable Time
15
5
5
ns
TWHWL
Write Disable to Write Enable Pulse Width
4
5
5
ns
TEHWH
Chip Enable to End of Write Time
25
35
55
ns
Symbol
Parameter
Typical (2)
SER <1E-9 (4)
SER <1E-10
Min
Max
Min
Max
Units
WRITE CYCLE AC TIMING CHARACTERISTICS (1)
ADDRESS
HIGH
IMPEDANCE
DATA OUT
NWE
DATA IN
DATA VALID
TAVAVW
NCS
CE
TAVWH
TWLWH
TAVWL
TWLQZ
TDVWH
TWHQX
TWHDX
TSLWH
TEHWH
TWHAX
TWHWL


Similar Part No. - HC6856YVRCC60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856YVRCC60

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com