Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3386ECPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRS3386ECPWG4
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3386ECPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TRS3386ECPWG4 Datasheet HTML 1Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 2Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 3Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 4Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 5Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 6Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 7Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 8Page - Texas Instruments TRS3386ECPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
GND
DOUT1
C2+
C1−
V+
C1+
TOP VIEW
DOUT2
RIN1
DIN2
DIN1
V−
C2−
12
11
9
10
ROUT1
ROUT2
DIN3
PW OR DW PACKAGE
RIN2
DOUT3
VCC
VL
PWRDOWN
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TRS3386E
RS-232 TRANSCEIVER
WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
SLLS829A – APRIL 2007 – REVISED APRIL 2007
• V
L Pin for Compatibility With Mixed-Voltage
Systems Down to 1.8 V on Logic Side
• Enhanced ESD Protection on RIN Inputs and
DOUT Outputs
±15-kV Human-Body Model
±15-kV IEC 61000-4-2, Air-Gap Discharge
±8-kV IEC 61000-4-2, Contact Discharge
• Low 300-µA Supply Current
• Specified 250-kbps Data Rate
• 1-µA Low-Power Shutdown
• Meets EIA/TIA-232 Specifications Down
to 3 V
• Designed to be Interchangeable With Industry
Standard '3386 Devices
• Hand-Held Equipment
• PDAs
• Cell Phones
• Battery-Powered Equipment
• Data Cables
The TRS3386E is a three-driver and two-receiver RS-232 interface device, with split supply pins for mixed-signal
operations. All RS-232 inputs and outputs are protected to
±15 kV using the IEC 61000-4-2 Air-Gap Discharge
method,
±8 kV using the IEC 61000-4-2 Contact Discharge method, and ±15 kV using the Human-Body Model.
The charge pump requires only four small 0.1-
µF capacitors for operation from a 3.3-V supply. The TRS3386E is
capable of running at data rates up to 250 kbps, while maintaining RS-232-compliant output levels.
The TRS3386E has a unique VL pin that allows operation in mixed-logic voltage systems. Both driver in (DIN)
and receiver out (ROUT) logic levels are pin programmable through the VL pin. The TRS3386E is available in a
space-saving thin shrink small-outline package (TSSOP).
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP – PW
TRS3386ECPWR
RV86EC
0
°C to 70°C
SOIC – DW
TRS3386ECDWR
TRS3386EC
TSSOP – PW
TRS3386EIPWR
RV86EI
–40
°C to 85°C
SOIC – DW
TRS3386EIDWR
TRS3386EI
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TRS3386ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3386ECPWG4 TI-TRS3386ECPWG4 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
More results

Similar Description - TRS3386ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3253E-EP TI1-TRS3253E-EP Datasheet
874Kb / 21P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
MAX3386E TI-MAX3386E_06 Datasheet
216Kb / 14P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E_10 Datasheet
404Kb / 17P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3386E TI-TRS3386E_09 Datasheet
388Kb / 16P
[Old version datasheet]   RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com