Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

128M8 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # 128M8
Description  1Gb: x4, x8, x16 DDR3 SDRAM
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

128M8 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  128M8 Datasheet HTML 1Page - Micon Design Technology Corporation 128M8 Datasheet HTML 2Page - Micon Design Technology Corporation 128M8 Datasheet HTML 3Page - Micon Design Technology Corporation 128M8 Datasheet HTML 4Page - Micon Design Technology Corporation 128M8 Datasheet HTML 5Page - Micon Design Technology Corporation 128M8 Datasheet HTML 6Page - Micon Design Technology Corporation 128M8 Datasheet HTML 7Page - Micon Design Technology Corporation 128M8 Datasheet HTML 8Page - Micon Design Technology Corporation 128M8 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 181 page
background image
Products and specifications discussed herein are subject to change by Micron without notice.
1Gb: x4, x8, x16 DDR3 SDRAM
Features
PDF: 09005aef826aa906/Source: 09005aef82a357c3
Micron Technology, Inc., reserves the right to change products or specifications without notice.
1Gb_DDR3_D1 .fm - Rev. D 8/1/08 EN
1
©2006 Micron Technology, Inc. All rights reserved.
DDR3 SDRAM
MT41J256M4 – 32 Meg x 4 x 8 Banks
MT41J128M8 – 16 Meg x 8 x 8 Banks
MT41J64M16 – 8 Meg x 16 x 8 Banks
Features
•VDD = VDDQ = +1.5V ±0.075V
• 1.5V center-terminated push/pull I/O
• Differential bidirectional data strobe
•8n-bit prefetch architecture
• Differential clock inputs (CK, CK#)
•8 internal banks
• Nominal and dynamic on-die termination (ODT) for
data, strobe, and mask signals
• CAS (READ) latency (CL): 5, 6, 7, 8, 9, 10, or 11
• POSTED CAS ADDITIVE latency (AL): 0, CL - 1, CL - 2
• CAS (WRITE) latency (CWL): 5, 6, 7, 8, based on tCK
• Fixed burst length (BL) of 8 and burst chop (BC) of 4
(via the mode register set [MRS])
• Selectable BC4 or BL8 on-the-fly (OTF)
• Self refresh mode
•TC of 0
oC to 95oC
– 64ms, 8,192 cycle refresh at 0oC to 85oC
– 32ms at 85oC to 95oC
• Clock frequency range of 300–800 MHz
• Self refresh temperature (SRT)
•Automatic self refresh (ASR)
• Write leveling
•Multipurpose register
• Output driver calibration
Options
Marking
• Configuration
– 256 Meg x 4
256M4
– 128 Meg x 8
128M8
– 64 Meg x 16
64M16
• FBGA package (Pb-free) - x4, x8
– 78-ball FBGA (8mm x 11.5mm) Rev. F
JP
– 78-ball FBGA (9mm x 11.5mm) Rev. D
HX
– 86-ball FBGA (9mm x 15.5mm) Rev. B
BY
• FBGA package (Pb-free) - x16
– 96-ball FBGA (9mm x 15.5mm) Rev. B
LA
• Timing - cycle time
– 1.25ns @ CL = 11 (DDR3-1600)
-125
– 1.25ns @ CL = 10 (DDR3-1600)
-125E
– 1.25ns @ CL = 9 (DDR3-1600)
-125F
– 1.5ns @ CL = 10 (DDR3-1333)
-15
– 1.5ns @ CL = 9 (DDR3-1333)
-15E
– 1.5ns @ CL = 8 (DDR3-1333)
-15F
– 1.87ns @ CL = 8 (DDR3-1066)
-187
– 1.87ns @ CL = 7 (DDR3-1066)
-187E
– 2.5ns @ CL = 6 (DDR3-800)
-25
– 2.5ns @ CL = 5 (DDR3-800)
-25E
• Revision
:B/:D/:F
Table 1:
Key Timing Parameters
Speed Grade
Data Rate (MT/s)
Target tRCD-tRP-CL
tRCD (ns)
tRP (ns)
CL (ns)
-125
1600
11-11-11
13.75
13.75
13.75
-125E
1600
10-10-10
12.5
12.5
12.5
-125F
1600
9-9-9
11.25
11.25
11.25
-15
1333
10-10-10
15
15
15
-15E
1333
9-9-9
13.5
13.5
13.5
-15F
1333
8-8-8
12
12
12
-187
1066
8-8-8
15
15
15
-187E
1066
7-7-7
13.1
13.1
13.1
-25
800
6-6-6
15
15
15
-25E
800
5-5-5
12.5
12.5
12.5


Similar Part No. - 128M8

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Illinois Capacitor, Inc...
128MDCL112KPN ILLINOISCAPACITOR-128MDCL112KPN Datasheet
195Kb / 4P
   Male/female lead styles - High voltage/current ??Low ESR
More results

Similar Description - 128M8

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com