Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCXXXADT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74HCXXXADT
Description  8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADT Datasheet(HTML) 1 Page - Motorola, Inc

  MC74HCXXXADT Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 6Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 8Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
10/95
Product Preview
8-Bit Serial or Parallel-Input/
Serial-Output Shift Register
High–Performance Silicon–Gate CMOS
The MC54/74HC165A is identical in pinout to the LS165. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
This device is an 8–bit shift register with complementary outputs from the
last stage. Data may be loaded into the register either in parallel or in serial
form. When the Serial Shift/Parallel Load input is low, the data is loaded
asynchronously in parallel. When the Serial Shift/Parallel Load input is high,
the data is loaded serially on the rising edge of either Clock or Clock Inhibit
(see the Function Table).
The 2–input NOR clock may be used either by combining two independent
clock sources or by designating one of the clock inputs to act as a clock
inhibit.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 286 FETs or 71.5 Equivalent Gates
FUNCTION TABLE
Inputs
Internal Stages
Output
Operation
Serial Shift/
Parallel Load
Clock
Clock
Inhibit
SA
A – H
QA
QB
QH
Operation
L
X
X
X
a
… h
a
b
h
Asynchronous Parallel Load
H
H
L
L
L
H
X
X
L
H
QAn
QAn
QGn
QGn
Serial Shift via Clock
H
H
L
L
L
H
X
X
L
H
QAn
QAn
QGn
QGn
Serial Shift via Clock Inhibit
H
H
X
H
H
X
X
X
X
X
No Change
Inhibited Clock
H
L
L
X
X
No Change
No Clock
X = don’t care
QAn – QGn = Data shifted from the preceding stage
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
MC54/74HC165A
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
B
C
D
CLOCK INHIBIT
VCC
QH
SA
A
F
E
CLOCK
SERIAL SHIFT/
PARALLEL LOAD
GND
QH
H
G
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
MC74HCXXXADT
Ceramic
Plastic
SOIC
TSSOP
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01
LOGIC DIAGRAM
PIN 16 = VCC
PIN 8 = GND
11
12
13
14
3
4
5
6
10
A
B
C
D
E
F
G
H
SA
PARALLEL
DATA
INPUTS
SERIAL
DATA
INPUT
SERIAL SHIFT/
PARALLEL LOAD
1
2
15
CLOCK
CLOCK INHIBIT
9
7
QH
QH
SERIAL
DATA
OUTPUTS


Similar Part No. - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
168Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com