Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7216ALJL Datasheet(PDF) 7 Page - Harris Corporation

Part # ICM7216ALJL
Description  8-Digit Multi-Function Frequency Counter/Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICM7216ALJL Datasheet(HTML) 7 Page - Harris Corporation

Back Button ICM7216ALJL Datasheet HTML 3Page - Harris Corporation ICM7216ALJL Datasheet HTML 4Page - Harris Corporation ICM7216ALJL Datasheet HTML 5Page - Harris Corporation ICM7216ALJL Datasheet HTML 6Page - Harris Corporation ICM7216ALJL Datasheet HTML 7Page - Harris Corporation ICM7216ALJL Datasheet HTML 8Page - Harris Corporation ICM7216ALJL Datasheet HTML 9Page - Harris Corporation ICM7216ALJL Datasheet HTML 10Page - Harris Corporation ICM7216ALJL Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
13-28
ICM7216A, ICM7216B, ICM7216D
FIGURE 4. ICM7216B & ICM7216D TYPICAL ISEG vs VDD-VOUT
FIGURE 5. ICM7216A TYPICAL ISEG vs VOUT
FIGURE 6. ICM7216B & ICM7216D TYPICAL IDIGIT vs VOUT
FIGURE 7. ICM7216A TYPICAL ISEG vs VOUT
FIGURE 8. ICM7216B & ICM7216D TYPICAL IDIGIT vs VOUT
Typical Performance Curves (Continued)
+85oC
-20oC
4.5
≤ VDD ≤ 6.0V
30
20
10
0
0
123
VDD-VOUT (V)
+25oC
VDD = 5.5V
80
60
40
0
01
2
3
VOUT (V)
20
TA = +25
oC
VDD = 4.5V
VDD = 5.0V
+85oC
-20oC
VDD = 5.0V
200
150
100
0
0
123
VOUT (V)
+25oC
50
+85oC
-20oC
VDD = 5.0V
80
60
40
0
0
123
VOUT (V)
+25oC
20
VDD = 5.5V
200
50
100
0
01
2
3
VOUT (V)
50
TA = +25
oC
VDD = 4.5V
VDD = 5.0V


Similar Part No. - ICM7216ALJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216ALJL INTERSIL-ICM7216ALJL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216ALJL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com