Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB7NB60KD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGB7NB60KD
Description  N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB7NB60KD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGB7NB60KD Datasheet HTML 6Page - STMicroelectronics STGB7NB60KD Datasheet HTML 7Page - STMicroelectronics STGB7NB60KD Datasheet HTML 8Page - STMicroelectronics STGB7NB60KD Datasheet HTML 9Page - STMicroelectronics STGB7NB60KD Datasheet HTML 10Page - STMicroelectronics STGB7NB60KD Datasheet HTML 11Page - STMicroelectronics STGB7NB60KD Datasheet HTML 12Page - STMicroelectronics STGB7NB60KD Datasheet HTML 13Page - STMicroelectronics STGB7NB60KD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STGP7NB60K/STGP7NB60KFP/STGD7NB60K/STGP7NB60KD/STGB7NB60KD/STGP7NB60KDFP
10/14
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


Similar Part No. - STGB7NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60KD STMICROELECTRONICS-STGB7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGB7NB60KDT4 STMICROELECTRONICS-STGB7NB60KDT4 Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
More results

Similar Description - STGB7NB60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
   N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
June 2003
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
   N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com