Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUY10A Datasheet(PDF) 3 Page - SunLED Corporation

Part # DUY10A
Description  10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUY10A Datasheet(HTML) 3 Page - SunLED Corporation

  DUY10A Datasheet HTML 1Page - SunLED Corporation DUY10A Datasheet HTML 2Page - SunLED Corporation DUY10A Datasheet HTML 3Page - SunLED Corporation DUY10A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 01,2008
Drawing No : SDSA2042
V4
Checked : Shin Chi
P.3/4
Part Number:
DUY10A
10.16mm (0.4”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - DUY10A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY10A-A SUNLED-DUY10A-A Datasheet
187Kb / 4P
   10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
DUY10A2 SUNLED-DUY10A2 Datasheet
194Kb / 4P
   10mm (0.4?? DUAL DIGIT NUMERIC DISPLAY
DUY10A3 SUNLED-DUY10A3 Datasheet
192Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3-A SUNLED-DUY10A3-A Datasheet
194Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUY10A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR10A SUNLED-DMR10A Datasheet
186Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUR10C SUNLED-DUR10C Datasheet
189Kb / 4P
   10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
DMR10C-A SUNLED-DMR10C-A Datasheet
185Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUR10C-A SUNLED-DUR10C-A Datasheet
187Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10C-A SUNLED-DUG10C-A Datasheet
184Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10A-A SUNLED-DUG10A-A Datasheet
184Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DMR10A-A SUNLED-DMR10A-A Datasheet
185Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUY10C SUNLED-DUY10C Datasheet
189Kb / 4P
   10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
DMR10C SUNLED-DMR10C Datasheet
187Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUY10A-A SUNLED-DUY10A-A Datasheet
187Kb / 4P
   10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com