Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUY09A Datasheet(PDF) 4 Page - SunLED Corporation

Part # DUY09A
Description  9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUY09A Datasheet(HTML) 4 Page - SunLED Corporation

  DUY09A Datasheet HTML 1Page - SunLED Corporation DUY09A Datasheet HTML 2Page - SunLED Corporation DUY09A Datasheet HTML 3Page - SunLED Corporation DUY09A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : MAR 03, 2008
Drawing No : SDSA2034
V4
Checked : B.L.LIU
P.4/4
Part Number:
DUY09A
9
.14mm (0.36”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
DUY09A


Similar Part No. - DUY09A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY09A3 SUNLED-DUY09A3 Datasheet
191Kb / 4P
   9mm (0.36?? THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUY09A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG09A SUNLED-DUG09A Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09C SUNLED-DUG09C Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DMR09C SUNLED-DMR09C Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DMR09A SUNLED-DMR09A Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUR09C SUNLED-DUR09C Datasheet
181Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUR09A SUNLED-DUR09A Datasheet
179Kb / 4P
   9.14mm (0.36?? SINGLE DIGIT NUMERIC DISPLAY
DUY09C SUNLED-DUY09C Datasheet
177Kb / 4P
   9.14mm (0.36?? SINGLE DIGIT NUMERIC DISPLAY
logo
Inolux Corporation
HNTS36 INOLUX-HNTS36 Datasheet
1Mb / 17P
   0.36 Single Digit Numeric Display
logo
Kingbright Corporation
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
181Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com