Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC174AD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74HC174AD
Description  Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC174AD Datasheet(HTML) 1 Page - Motorola, Inc

  MC74HC174AD Datasheet HTML 1Page - Motorola, Inc MC74HC174AD Datasheet HTML 2Page - Motorola, Inc MC74HC174AD Datasheet HTML 3Page - Motorola, Inc MC74HC174AD Datasheet HTML 4Page - Motorola, Inc MC74HC174AD Datasheet HTML 5Page - Motorola, Inc MC74HC174AD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Hex D Flip-Flop with
Common Clock and Reset
High–Performance Silicon–Gate CMOS
The MC54/74HC174A is identical in pinout to the LS174. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
This device consists of six D flip–flops with common Clock and Reset
inputs. Each flip–flop is loaded with a low–to–high transition of the Clock
input. Reset is asynchronous and active–low.
• Output Drive Capability: 10 LSTTL Loads
• TTL NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 162 FETs or 40.5 Equivalent Gates
LOGIC DIAGRAM
PIN 16 = VCC
PIN 8 = GND
3
4
6
11
13
14
2
5
7
10
12
15
D0
D1
D2
D3
D4
D5
Q0
Q1
Q2
Q3
Q4
Q5
CLOCK
9
RESET 1
DATA
INPUTS
NONINVERTING
OUTPUTS
Design Criteria
Value
Units
Internal Gate Count*
40.5
ea.
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
µW
Speed Power Product
.0075
pJ
* Equivalent to a two–input NAND gate.
MC54/74HC174A
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
No Change
H
X
No Change
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q4
D4
D5
Q5
VCC
CLOCK
Q3
D3
D1
D0
Q0
RESET
GND
Q2
D2
Q1
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
Ceramic
Plastic
SOIC
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16


Similar Part No. - MC74HC174AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC174AD MOTOROLA-MC74HC174AD Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HC174AD ONSEMI-MC74HC174AD Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
MC74HC174AD ONSEMI-MC74HC174AD Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174ADG ONSEMI-MC74HC174ADG Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174ADG ONSEMI-MC74HC174ADG Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
More results

Similar Description - MC74HC174AD

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC174A INTEGRAL-IN74HC174A Datasheet
51Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com