Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARX1206 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ARX1206
Description  SMALL MICRO WAVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARX1206 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ARX1206 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARX1206 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARX1206 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
91
RX
Part No.
ARX1003
ARX104H
ARX1006
ARX1009
ARX1012
ARX1024
ARX1103
ARX114H
ARX1106
ARX1109
ARX1112
ARX1124
ARX1203
ARX124H
ARX1206
ARX1209
ARX1212
ARX1224
3
2.25
0.3
45
66.7
200
3.3
4.5
3.375
0.45
101
44.4
200
4.95
6
4.5
0.6
180
33.3
200
6.6
9
6.75
0.9
405
22.2
200
9.9
24
18
2.4
2,880
8.3
200
26.4
12
9
1.2
720
16.7
45
66.7
101
44.4
180
33.3
405
22.2
2,880
8.3
720
22.5
50.6
90
202.5
1,440
360
16.7
133.3
88.9
66.7
44.4
16.7
33.3
200
200
200
200
200
200
200
400
400
400
400
400
400
13.2
Nominal
voltage,
V DC
Pick-up
voltage, V DC
(max.)(initial)
Drop-out
voltage, V DC
(min.)(initial)
Nominal
voltage,
V DC
Set
voltage, V DC
(max.)(initial)
Reset
voltage, V DC
(max.)(initial)
Coil resistance,
Ω (±10%)
Nominal
operating current,
mA (
±10%)
Nominal
operating power,
mW
Max. allowable
voltage, V DC
Max. allowable
voltage, V DC
• Single side stable type
Part No.
3
2.25
3.3
4.5
3.375
4.95
6
4.5
6.6
9
6.75
9.9
24
18
26.4
12
9
13.2
Coil resistance,
Ω (±10%)
Nominal
operating current,
mA (
±10%)
Nominal
operating power,
mW
Nominal
voltage,
V DC
Set
voltage, V DC
(max.)(initial)
Reset
voltage, V DC
(max.)(initial)
Max. allowable
voltage, V DC
Part No.
Coil resistance,
Ω (±10%)
Nominal
operating current,
mA (
±10%)
Nominal
operating power,
mW
• 1 coil latching type
3
2.25
3.3
4.5
3.375
4.95
6
4.5
6.6
9
6.75
9.9
24
18
26.4
12
9
2.25
3.375
4.5
6.75
18
9
2.25
3.375
4.5
6.75
18
9
13.2
• 2 coil latching type
TYPES ANE COIL DATA (at 20°C 68°F)
DIMENSIONS
mm inch
Schematic (Bottom view)
Tolerance:
±0.1 ±.004
General tolerance:
±0.3 ±.012
(Reset condition)
PC board pattern (Bottom view)
(Reset condition)
(Deenergized condition)
(2.74)
(.108)
(2.04)
(.080)
2.54
.100
2-0.6
×0.3
2-.024
×.012
7-0.40 to 0.45 dia.
7-.016 to .018 dia.
2.63
.104
Solder to the PC board earth.
9.2
.362
0.2
.008
3.0
.118
20.5
.807
12.4
.488
0.9 dia hole
.035 dia hole
7.62
.300
2.54
.100
7.62
.300
0.90
.035
(2 coil latching type only)
R
0.45
7
1
14 13 12 11 10 9
8
NC
COM
NO
7
1
8
9
10
11
12
13
14
RESET
COM
SET
1
7
6
8
9
10
11
12
13
14
RESET
COM
SET
Single side stable
1 coil latching
2 coil latching


Similar Part No. - ARX1206

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX2412 AEROFLEX-ARX2412 Datasheet
112Kb / 7P
   ARX2412 Data Terminal Manchester Converter for MIL-STD-1553
logo
ON Semiconductor
ARX3A0 ONSEMI-ARX3A0 Datasheet
6Mb / 18P
   RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
logo
Aeroflex Circuit Techno...
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-1 AEROFLEX-ARX4404-001-1 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-2 AEROFLEX-ARX4404-001-2 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX1206

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
Toshiba Semiconductor
TIM3742-16SL TOSHIBA-TIM3742-16SL Datasheet
128Kb / 4P
   MICRO WAVE POWER GaAs FET
logo
TE Connectivity Ltd
THT TEC-THT Datasheet
298Kb / 4P
   Small power relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
   micro 280 automotive relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
   micro 280 automotive relay
logo
OEN India Limited
OEN73 OENINDIA-OEN73 Datasheet
501Kb / 2P
   AUTOMOTIVE MICRO POWER RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com