Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV1024-25JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT29LV1024-25JC
Description  1-Megabit (64K x 16) 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV1024-25JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29LV1024-25JC Datasheet HTML 1Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 2Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 3Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 4Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 5Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 6Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 7Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 8Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT29LV1024
4
Note:
1. After power is applied and V
CC is at the minimum specified data sheet value, the system should wait 20 ms before an opera-
tional mode is started.
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1F, Device Code: 26.
5. See details under Software Product Identification Entry/Exit.
DC and AC Operating Range
AT29LV1024-15
AT29LV1024-20
AT29LV1024-25
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
(1)
3.3V
± 0.3V
3.3V
± 0.3V
3.3V
± 0.3V
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
V
IH
X(1)
X
X
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
V
IL
X
Output Disable
X
V
IH
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A15 = V
IL, A9 = VH,
(3) A0 = V
IL
Manufacturer Code(4)
A1 - A15 = V
IL, A9 = VH,
(3) A0 = V
IH
Device Code(4)
Software(5)
A0 = V
IL
Manufacturer Code(4)
A0 = V
IH
Device Code(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
1
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
1
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
Com.
50
µA
Ind.
100
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA, VCC = 3.6V
15
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA, VCC = 3.0V
0.45
V
V
OH1
Output High Voltage
I
OH = 100 µA, VCC = 3.0V
2.4
V


Similar Part No. - AT29LV1024-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV1024-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com