Part Name
         Description
AT29LV1024

 1-Megabit (64K x 16) 3-volt Only Flash Memory ( 12 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 1 page
background image
1
Features
Single Voltage, Range 3V to 3.6V Supply
3-Volt Only Read and Write Operation
Software Protected Programming
Fast Read Access Time - 150 ns
Low Power Dissipation
– 15 mA Active Current
– 50 µA CMOS Standby Current
Sector Program Operation
– Single Cycle Reprogram (Erase and Program)
– 512 Sectors (128 words/sector)
– Internal Address and Data Latches for 128 Words
Fast Sector Program Cycle Time - 20 ms
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29LV1024 is a 3-volt only in-system Flash programmable and erasable read
only memory (PEROM). Its 1 megabit of memory is organized as 65,536 words by 16
bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 150 ns with power dissipation of just 54 mW. When the device
is deselected, the CMOS standby current is less than 50
µA. The device endurance is
1-Megabit
(64K x 16)
3-volt Only
Flash Memory
AT29LV1024
Rev. 0564A–10/98
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O15
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
NC
A0
A1
A2
A3
A4
A5
NC
A6
A7
A8
VSS
A9
A10
A11
NC
A12
A13
A14
A15
NC
WE
VCC
NC
NC
OE
O0
O1
O2
O3
O4
NC
O5
O6
O7
VSS
O8
O9
O10
NC
O11
O12
O13
O14
O15
CE
NC
NC
PLCC Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O12
I/O11
I/O10
I/O9
I/O8
GND
NC
I/O7
I/O6
I/O5
I/O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
(continued)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT29C010A_021-Megabit 128K x 8 5-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49BV320A32-megabit 2M x 16/4M x 8 3-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
EN29LV512512 Kbit 64K x 8-bit Uniform Sector CMOS 3.0 Volt-only Flash Memory 1 2 3 4 5 MoreEon Silicon Solution Inc.
F49L040A4 Mbit 512K x 8 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
W29C10264K 16 CMOS FLASH MEMORY 1 2 3 4 5 MoreWinbond
F49L160UA16 Mbit 2M x 8/1M x 16 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
F49L400UA4 Mbit 512K x 8/256K x 16 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
F49L800UA8 Mbit 1M x 8/512K x 16 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
AT49BV160S16-megabit 1M x 16 Secure 3-volt Only Memory 1 2 3 4 5 ATMEL Corporation
AT89C5132_06USB Microcontroller with 64K Bytes Flash Memory 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl