Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1111R Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # AN1111R
Description  Surface Mount IRED/Reverse Mount Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN1111R Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button AN1111R Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. AN1111R Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN1111R
Page 9
Surface Mount IRED/Reverse Mount Type
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Twice
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
1,000 h
0/25
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
2 h
0/10
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
Testing Conditions
Ta = 25℃, IF = Maxium Rated Current
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
Ta = 60±2℃, RH = 90±5%
(Pretreatment) Individual standard
(Reflow Soldering) Pre-heating
150℃~180℃ 120s
Operating Heating
230℃ Min.
Peak temperature 260℃
Ta = Maximum Rated Storage Temperature
Ta = Minimum Rated Storage Temperature
Items
Symbols
Conditions
Failure criteria
Radiant Intensity
IE
IF Value of each product
Radiant Intensity
Testing Min. Value < Initial Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value > Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
2007.8.31


Similar Part No. - AN1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results

Similar Description - AN1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
AN1111C STANLEY-AN1111C Datasheet
185Kb / 10P
   Surface Mount IRED
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
logo
List of Unclassifed Man...
DN1102WE ETC2-DN1102WE Datasheet
183Kb / 10P
   Surface Mount IRED
logo
STANLEY ELECTRIC CO.,LT...
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com