Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUR31D Datasheet(PDF) 1 Page - SunLED Corporation

Part # EUR31D
Description  5mmx22mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUR31D Datasheet(HTML) 1 Page - SunLED Corporation

  EUR31D Datasheet HTML 1Page - SunLED Corporation EUR31D Datasheet HTML 2Page - SunLED Corporation EUR31D Datasheet HTML 3Page - SunLED Corporation EUR31D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 20.2008
Drawing No : SDSA3736
V3
Checked : B.L.LIU
P.1/4
Part Number
: EUR31D
5mmx22mm LIGHT BAR
www.SunLED.com
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
INDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
BOTTOM SURFACE OF EPOXY IS NOT FLAT.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
EUR31D
Red
GaAsP/GaP
Red Diffused
5
9
627
120°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm below package base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm below package base]
260°C For 5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC
專用, ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.27 18:37:35
+08'00'


Similar Part No. - EUR31D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUR30D SUNLED-EUR30D Datasheet
172Kb / 4P
   6.8mmx19.9mm LIGHT BAR
More results

Similar Description - EUR31D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUY31D SUNLED-EUY31D Datasheet
181Kb / 4P
   5mmx22mm LIGHT BAR
EMG31D SUNLED-EMG31D Datasheet
181Kb / 4P
   5mmx22mm LIGHT BAR
EMR31D SUNLED-EMR31D Datasheet
180Kb / 4P
   5mmx22mm LIGHT BAR
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
   LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
   LIGHT BAR
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
   LIGHT BAR
logo
Gilway Technical Lamp
E2010 GILWAY-E2010 Datasheet
183Kb / 3P
   Light Bar
logo
List of Unclassifed Man...
B-1020X ETC-B-1020X Datasheet
80Kb / 1P
   LIGHT BAR
logo
SunLED Corporation
EMR24D SUNLED-EMR24D Datasheet
172Kb / 4P
   10mmx10mm LIGHT BAR
EUY24D SUNLED-EUY24D Datasheet
163Kb / 3P
   10mmx10mm LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com