Electronic Components Datasheet Search |
|
DUR08A-A Datasheet(PDF) 1 Page - SunLED Corporation |
|
DUR08A-A Datasheet(HTML) 1 Page - SunLED Corporation |
1 / 4 page www.SunLED.com Published Date : MAR 05,2008 Drawing No : SDSA2015 V3 Checked : Shin Chi P.1/4 Part Number: DUR08A-A 9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd Wavelength nm λ P Description min. typ. DUR08A-A Red GaAsP/GaP 800 4090 627 Common Anode, Rt. Hand Decimal Features ● 0.39 INCH DIGIT HEIGHT. ● LOW CURRENT OPERATION. ● EXCELLENT CHARACTER APPEARANCE. ● EASY MOUNTING ON P.C. BOARDS OR SOCKETS. ● I.C. COMPATIBLE. ● MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ± 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice . UR (GaAsP/GaP) Unit Forward Voltage (Typ.) (IF=10mA) VF 1.9 V Forward Voltage (Max.) (IF=10mA) VF 2.5 V Reverse Current (Max.) (VR=5V) IR 10 uA Wavelength Of Peak Emission (Typ.) (IF=10mA) λ P 627 nm Wavelength Of Dominant Emission (Typ.) (IF=10mA) λ D 625 nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Δλ 45 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 15 pF Operating Characteristics (TA=25°C) Absolute Maximum Ratings (TA=25°C) UR (GaAsP/GaP) Unit Reverse Voltage VR 5 V Forward Current IF 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 160 mA Power Dissipation PT 75 mW Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 Lead Solder Temperature [2mm Below Package Base] 260°C For 3~5 Seconds R. CHE N 數位簽署者:R. CHEN DN:cn=R.CHEN, o=SPEC專用, ou=SPEC專用, email=fangdh@cn. kingbright.com, c=< 無> 日期︰2008.03.06 08:11:03 +08'00' |
Similar Part No. - DUR08A-A |
|
Similar Description - DUR08A-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |