Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ389S Datasheet(PDF) 6 Page - Hitachi Metals, Ltd

Part # 2SJ389S
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

2SJ389S Datasheet(HTML) 6 Page - Hitachi Metals, Ltd

  2SJ389S Datasheet HTML 1Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 2Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 3Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 4Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 5Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 6Page - Hitachi Metals, Ltd 2SJ389S Datasheet HTML 7Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
–20
–16
–12
–8
-4
0
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
0, 5 V
V
= –10 V
GS
–5 V
–0.4
–0.8
–1.2
–1.6
–2.0
10
8
6
4
2
Channel Temperature Tch (°C)
Maximun Avalanche Energy vs.
Channel Temperature Derating
25
50
75
100
125
150
0
I
= –10 A
V
= –25 V
duty < 0.1 %
Rg > 50
AP
DD
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50
Vin
–15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
E
=
• L • I
2
1
V
V
– V
AR
AP
DSS
DSS
DD
2
Avalanche Test Circuit and Waveform
2SJ389 L , 2SJ389 S


Similar Part No. - 2SJ389S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SJ389S ISC-2SJ389S Datasheet
289Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SJ389S VBSEMI-2SJ389S Datasheet
989Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SJ389S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com