Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-32220 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-32220
Description  3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-32220 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-32220 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-32220 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ALM-32320 Typical Over-Temperature Performance
Vdd = 5V, Vctrl = 5V, Input Signal = CW unless stated otherwise.
Figure 8. Over temperature Ids
Figure 9. Over temperature OIP3 vs Frequency
Figure 10. Over temperature P1dB vs Frequency
Figure 11. Over temperature Gain vs Frequency
Figure 12. Over temperature S11 vs Frequency
Figure 13. Over temperature S22 vs Frequency
85°C
25°C
-40°C
500
600
700
800
900
1000
1100
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Temperature (°C)
42
44
46
48
50
52
54
56
58
60
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
9
10
11
12
13
14
15
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
31
32
33
34
35
36
37
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C


Similar Part No. - ALM-32220

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220-BLKG AVAGO-ALM-32220-BLKG Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220-BLKG AVAGO-ALM-32220-BLKG Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220-TR1G AVAGO-ALM-32220-TR1G Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
More results

Similar Description - ALM-32220

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_12 Datasheet
218Kb / 12P
   3.3 -3.9GHz Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com