Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B511SE-2T Datasheet(PDF) 2 Page - Cynergy3 Co

Part # B511SE-2T
Description  25-42.5Amp,SCR/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

B511SE-2T Datasheet(HTML) 2 Page - Cynergy3 Co

  B511SE-2T Datasheet HTML 1Page - Cynergy3 Co B511SE-2T Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
series B-2T, B-2
25-42.5Amp • SCR/Diode Modules
Part Number Indentification
AC Line
Case
Series
Current
Circuit Type
Voltage
Options*
Style
B
5 - 25 Amps
1 - 8
1 - 120 Vac
F - Free
-2T (Std)
6 - 42.5 Amps (see
2 - 240 Vac
Wheeling Diode
-2 with
schematic
3 - 280 Vac
SE - External
Isolation
diagrams)
4 - 480 Vac
Suppressor
Barriers
Example: B512FSE-2T
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
G2
AC1
AC2
G1
+
--
1
2
3
4
5
6
7
8
AC1
AC2
G4
G2
G1
G3
+
--
AC1
AC2
G2
G1
+
--
G2
G1
AC1
AC2
G2
G1
AC
+
--
G1
G2
G1
AC1
AC2
+
G2
AC2
AC1
G1
+
--
+
--
AC
B-2T
B-2
B-2T
B-2


Similar Part No. - B511SE-2T

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
B511 SAVANTIC-B511 Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
Crydom Inc.,
B511 CRYDOM-B511 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B511-2 CRYDOM-B511-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B511-2T CRYDOM-B511-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
logo
EPCOS
B5110 EPCOS-B5110 Datasheet
91Kb / 8P
   SAW filter Base-station RF
More results

Similar Description - B511SE-2T

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
F18 CYNERGY3-F18 Datasheet
233Kb / 2P
   25-100Amp,Diode, SCR/Diode Modules
logo
Powerex Power Semicondu...
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
logo
Dynex Semiconductor
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
Cynergy3 Co
EFD02CF CYNERGY3-EFD02CF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
logo
Dynex Semiconductor
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com