Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B514F-2T Datasheet(PDF) 1 Page - Cynergy3 Co

Part # B514F-2T
Description  25-42.5Amp,SCR/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

B514F-2T Datasheet(HTML) 1 Page - Cynergy3 Co

  B514F-2T Datasheet HTML 1Page - Cynergy3 Co B514F-2T Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
# Eight Standard Circuits
# AC or DC Variable Voltage
Output to 15KW
series B-2T, B-2
25-42.5Amp • SCR/Diode Modules
Electrical Specifications
B5
B6
ID
Maximum DC Output Current @ Tc = 85˚C (A)
25
42.5
VF
Maximum Voltage Drop @ Amps Peak
1.65V @ 25A
1.6V @ 42.5A
TJ
Operating Junction Temperature Range
-40˚C to +125˚C
Critical Rate of Rise of On-State
di/dt
Current @ TJ=125˚C (A/µs)
100
dv/dt Critical Rate of Rise of Off-State Voltage
500
400 (120Vac)
VRMS Repetitive Peak Reverse Voltage
600 (240Vac)
(AC Line Input Voltage)
800 (280Vac)
1200 (480Vac)
ITSM
Maximum Non-Repetitive
Surge Current (A) [ 1/2Cycle, 60Hz]
250
600
I2T
Maximum I2T for Fusing (A2sec) [t=8.3ms]
260
1500
IGT
Maximum Required Gate Current
to Trigger @ 25˚C (mA)
60
80
VGT
Maximum Required Gate
Voltage to Trigger @ 25˚C (V)
2.5
3.0
PG(AV) Average Gate Power
0.5W
VGM
Maximum Peak Gate Voltage (Reverse)
5.0V
ROJC
Maximum Thermal Resistance Junction to
Ceramic Base per Chip
0.9˚C/W
0.7˚C/W
VISOL Isolation Voltage
2500 VRMS
Mechanical Specifications
Weight (Typical)
1.5 oz. (42.5g)
Modules come in eight standard circuits and are designed to
control AC or DC variable voltage output up to 15KW. The
package comes with standard .250 quick-connect terminals.
All models have 2500 Vrms isolation and are UL recognized
E72445. Optional isolation barriers are available.
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
Mechanical Dimensions
All dimensions are in inches (millimeters)
2.50
(63.5)
1.25
(31.7)
1.00
(25.4 )
1.90
(48.2)
1.06
(26.9)
.55
(14.0)
.50
(12.7)
.25
(6.3)
TERMINAL
CL
CL
2.50
(63.5)
1.25
(31.7)
1.90
(48.2)
.78
(19.7)
.25
(6.3)
TERMINAL
CL
CL
.10
(2.5)
.10
(2.5)
MOUNTING
HOLE/SLOT
0.21 (5.2) DIA.
MOUNTING
HOLE/SLOT
0.21 (5.2) DIA.
B-2T
B-2


Similar Part No. - B514F-2T

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B514F-2T CRYDOM-B514F-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
More results

Similar Description - B514F-2T

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
F18 CYNERGY3-F18 Datasheet
233Kb / 2P
   25-100Amp,Diode, SCR/Diode Modules
logo
Powerex Power Semicondu...
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
logo
Dynex Semiconductor
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
Cynergy3 Co
EFD02CF CYNERGY3-EFD02CF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
logo
Dynex Semiconductor
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com